Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments OPA699M Datasheet HTML 12Page - Texas Instruments OPA699M Datasheet HTML 13Page - Texas Instruments OPA699M Datasheet HTML 14Page - Texas Instruments OPA699M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
140
120
100
80
60
40
20
0
Capacitive Load (pF)
1
10
100
1000
G021
Frequency (Hz)
1M
10M
100M
1G
18
15
12
9
6
3
0
V
O = 0.5VPP
G = +6
C
L = 1000pF
C
L = 100pF
C
L = Open
C
L = 10pF
OPA699
750
Ω
R
S
150
Ω
C
L
1k
Ω(1)
Note: (1) 1k
Ω(1) is optional.
V
IN
G022
Frequency (Hz)
10k
100k
100M
10M
1M
1G
70
60
50
40
30
20
10
0
-10
0
-30
-60
-90
-120
-150
-180
-210
-240
V
O = 0.5VPP
Phase
Gain
G024
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise (4.1nV/
√Hz)
Current Noise (2pA/
√Hz)
G023
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
RECOMMENDED R8
FREQUENCY RESPONSE
vs
vs
CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 21.
Figure 22.
INPUT VOLTAGE AND
OPEN-LOOP GAIN AND PHASE
CURRENT NOISE DENSITY
Figure 23.
Figure 24.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com