Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 23Page - Texas Instruments OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments OPA699M Datasheet HTML 27Page - Texas Instruments OPA699M Datasheet HTML 28Page - Texas Instruments OPA699M Datasheet HTML 29Page - Texas Instruments OPA699M Datasheet HTML 30Page - Texas Instruments OPA699M Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ti.com
Frequency Response Compensation
Pulse Settling Time
Distortion
Load Resistance (
Ω)
100
1k
-55
-60
-65
-70
-75
-80
-85
-90
V
O = 2VPP
f = 5MHz
3rd-Harmonic
See Figure 47
2nd-Harmonic
G013
Noise Performance
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
In general, capacitive loads should be minimized for optimum high-frequency performance. The capacitance of
coax cable (29 pF/ft for RG-58) does not load the amplifier when the coaxial cable or transmission line is
terminated in its characteristic impedance.
The OPA699 is internally compensated to be +4 gain stable and has a nominal phase margin of 60° at a gain of
+6. Phase margin and peaking improve at higher gains. Recall that an inverting gain of –5 is equivalent to a gain
of +6 for bandwidth purposes (that is, noise gain = 6). Standard external compensation techniques work with this
device. For example, in the inverting configuration, the bandwidth may be limited without modifying the inverting
gain by placing a series RC network to ground on the inverting node. This has the effect of increasing the noise
gain at high frequencies, which limits the bandwidth.
For unity-gain stable amplifier applications, the OPA698 is recommended.
In applications where a large feedback resistor is required, such as a photodiode transimpedance amplifier, the
parasitic capacitance from the inverting input to ground causes peaking or oscillations. To compensate for this
effect, connect a small capacitor in parallel with the feedback resistor. The bandwidth is limited by the pole that
the feedback resistor and this capacitor create. In other high-gain applications, use a three-resistor Tee network
to reduce the RC time constants set by the parasitic capacitances.
The OPA699 is capable of an extremely fast settling time in response to a pulse input. Frequency response
flatness and phase linearity are needed to obtain the best settling times. For capacitive loads, such as an ADC,
use the recommended RS in the typical performance curve Recommended RS vs Capacitive Load. Extremely
fine-scale settling (0.01%) requires close attention to ground return current in the supply decoupling capacitors.
The pulse settling characteristics, when recovering from overdrive, are extremely good as shown in the typical
characteristics.
The OPA699's distortion performance is specified for a 500-
Ω load, such as an ADC. Driving loads with smaller
resistance increases the distortion as illustrated in Figure 61. Remember to include the feedback network in the
load resistance calculations.
Figure 61. 5-MHz Harmonic Distortion vs Load Resistance
High slew rate, voltage-feedback op amps usually achieve their slew rate at the expense of a higher input noise
voltage. The 4.1-nV/
√Hz input voltage noise for the OPA699, however, is much lower than comparable
amplifiers. The input-referred voltage noise and the two input-referred current noise terms, combine to give low
output noise under a wide variety of operating conditions. Figure 62 shows the op amp noise analysis model with
all the noise terms included. In this model, all noise terms are taken to be noise voltage or current density terms
in either nV/
√Hz or pA/√Hz.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com