Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 15Page - Texas Instruments OPA699M Datasheet HTML 16Page - Texas Instruments OPA699M Datasheet HTML 17Page - Texas Instruments OPA699M Datasheet HTML 18Page - Texas Instruments OPA699M Datasheet HTML 19Page - Texas Instruments OPA699M Datasheet HTML 20Page - Texas Instruments OPA699M Datasheet HTML 21Page - Texas Instruments OPA699M Datasheet HTML 22Page - Texas Instruments OPA699M Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
1M
10M
100M
1G
Frequency (Hz)
24
21
18
15
12
9
G = +15
G = -15
G047
LOW-GAIN COMPENSATION FOR IMPROVED SFDR
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
configuration. The gain resistor is set to get the desired gain (in this case, 187
Ω for a gain of –4) while an
additional input resistor (RM) can be used to set the total input impedance equal to the source, if desired. In this
case, RM = 68.1 Ω in parallel with the 187-Ω gain setting resistor gives a matched input impedance of 50 Ω. This
matching is only needed when the input needs to be matched to a source impedance, as in the characterization
testing done using the circuit of Figure 49.
For bias current-cancellation matching, the noninverting input requires a 169-
Ω resistor to ground. The
calculation for this resistor includes a dc-coupled 50-
Ω source impedance along with R
G and RM. Although this
resistor provides cancellation for the bias current, it must be well-decoupled (0.1 µF in Figure 49) to filter the
noise contribution of the resistor and the input current noise.
As the required RG resistor approaches 50 Ω at higher gains, the bandwidth for the circuit in Figure 49 far
exceeds the bandwidth at that same gain magnitude for the noninverting circuit of Figure 47. This occurs due to
the lower noise gain for the circuit of Figure 49 when the 50-
Ω source impedance is included in the analysis. For
instance, at a signal gain of –15 (RG = 50 Ω, RM = open, RF = 750 Ω) the noise gain for the circuit of Figure 49
will be 1 + 750
Ω/(50 Ω + 50 Ω) = 8.5 due to the addition of the 50-Ω source in the noise gain equation. This
approach gives considerably higher bandwidth than the noninverting gain of +15. Using the 1-GHz gain
bandwidth product for the OPA699, an inverting gain of –15 from a 50-
Ω source to a 50-Ω RG gives 140-MHz
bandwidth, whereas the noninverting gain of +6 gives 55 MHz, as shown in the measured results of Figure 50.
Figure 50. G = +15 and -15 Frequency Response
Where a low gain is desired and inverting operation is acceptable, a new external compensation technique can
be used to retain the full slew rate and noise benefits of the OPA699, while giving increased loop gain and the
associated distortion improvements offered by a non-unity-gain stable op amp. This technique shapes the loop
gain for good stability, while giving an easily controlled 2nd-order low-pass frequency response. To set the
compensation capacitors (CS and CF), consider the half-circuit of Figure 51, where the 50-Ω source is used.
Considering only the noise gain for the circuit of Figure 51, the low-frequency noise gain (NG1) is set by the
resistor ratio, while the high-frequency noise gain (NG2) is set by the capacitor ratio. The capacitor values set
both the transition frequencies and the high-frequency noise gain. If the high-frequency noise gain, determined
by NG2 = 1 + CS/CF, is set to a value greater than the recommended minimum stable gain for the op amp, and
the noise gain pole (set by 1/RFCF) is placed correctly, a well controlled 2
nd-order low-pass frequency response
results.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com