Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments OPA699M Datasheet HTML 27Page - Texas Instruments OPA699M Datasheet HTML 28Page - Texas Instruments OPA699M Datasheet HTML 29Page - Texas Instruments OPA699M Datasheet HTML 30Page - Texas Instruments OPA699M Datasheet HTML 31Page - Texas Instruments OPA699M Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
www.ti.com
Power Supplies
input and ESD protection
External
Pin
+V
S
-V
S
Internal
Circuitry
S0051-01
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
5. Choose low resistor values to minimize the time constant set by the resistor and its parasitic parallel
capacitance. Good metal film or surface mount resistors have approximately 0.2-pF parasitic parallel
capacitance. For resistors > 1.5 k
Ω, this adds a pole and/or zero below 500 MHz. Make sure that the output
loading is not too heavy. The recommended 750-
Ω feedback resistor is a good starting point in most
designs.
6. Use short direct traces to other wideband devices on the board. Short traces act as a lumped capacitive
load. Wide traces (50 to 100 mils) should be used. Estimate the total capacitive load at the output and use
the series isolation resistor recommended in the typical performance curve, Recommended RS vs Capacitive
Load. Parasitic loads < 2 pF may not need the isolation resistor.
7. When long traces are necessary, use transmission line design techniques (consult an ECL design
handbook for microstrip and stripline layout techniques). A 50-
Ω transmission line is not required on
board—a higher characteristic impedance helps reduce output loading. Use a matching series resistor at the
output of the op amp to drive a transmission line and a matched load resistor at the other end to make the
line appear as a resistor. If the 6 dB of attenuation that the matched load produces is not acceptable, and the
line is not too long, use the series resistor at the source only. This isolates the source from the reactive load
presented by the line, but the frequency response will be degraded. Multiple destination devices are best
handled as separate transmission lines, each with its own series source and shunt load terminations. Any
parasitic impedances acting on the terminating resistors alters the transmission line match and can cause
unwanted signal reflections and reactive loading.
8. Do not use sockets for high-speed parts like the OPA699. The additional lead length and pin-to-pin
capacitance introduced by the socket creates an extremely troublesome parasitic network. Best results are
obtained by soldering the part onto the board.
The OPA699 is nominally specified for operation using either ±5-V supplies or a single +5-V supply. The
maximum specified total supply voltage of 12 V allows reasonable tolerances on the supplies. Higher supply
voltages can break down internal junctions, possibly leading to catastrophic failure. Single-supply operation is
possible as long as common mode voltage constraints are observed. The common-mode input and output
voltage specifications can be interpreted as required headroom to the supply voltage. Observing this input and
output headroom requirement allows a design of non-standard or single-supply operation circuits. Figure 48
shows one approach to single-supply operation.
The OPA699 is built using a high-speed complementary bipolar process. The internal junction breakdown
voltages are relatively low for these small geometry devices. These breakdowns are reflected in the Absolute
Maximum Ratings table. All device pins are protected with internal ESD protection diodes to the power supplies,
as shown in Figure 64.
These diodes provide moderate protection to input overdrive voltages above the supplies as well. The protection
diodes can typically support 30-mA continuous current. Where higher currents are possible (e.g., in systems with
±15-V supply parts driving into the OPA699), current limiting series resistors should be added into the two inputs.
Keep these resistor values as low as possible, since high values degrade both noise performance and frequency
response.
Figure 64. I/O Pin ESD Protection
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com