Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 18Page - Texas Instruments OPA699M Datasheet HTML 19Page - Texas Instruments OPA699M Datasheet HTML 20Page - Texas Instruments OPA699M Datasheet HTML 21Page - Texas Instruments OPA699M Datasheet HTML 22Page - Texas Instruments OPA699M Datasheet HTML 23Page - Texas Instruments OPA699M Datasheet HTML 24Page - Texas Instruments OPA699M Datasheet HTML 25Page - Texas Instruments OPA699M Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.ti.com
OPA699
+5V
-5V
V
IN = 200mVPP
1k
Ω
24.9
Ω
1k
Ω
1k
Ω
0.01
µF
10pF
10pF
0.01
µF
24.9
Ω
100
Ω
100
Ω
OPA699
+5V
-5V
900
Ω
+1.1V
-1.1V
IN
V
CM
ADC
IN
+1.1V
4V
PP
-1.1V
100
Ω
S0040-02
PRECISION HALF-WAVE RECTIFIER
OPA699
6
V
O
V
O = Open
-V
S = -5V
+V
S = +5V
V
IN
2
3
4
7
8
5
750
Ω
150
Ω
75
Ω
50
Ω
Source
S0039-02
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
Figure 53. Single to Differential AC-Coupled, High Gain Output Limited ADC Driver
Figure 54 shows a half-wave rectifier with outstanding precision and speed. VH (pin 8) defaults to 3.5 V typically if
left open, while the negative limit is set to ground.
The gain for the circuit in Figure 54 is set at +6. Figure 55 shows input and output for ±0.5 V 100-MHz input.
Figure 54. Precision Half-Wave Rectifier
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com