Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699M
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699M Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 9Page - Texas Instruments OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments OPA699M Datasheet HTML 12Page - Texas Instruments OPA699M Datasheet HTML 13Page - Texas Instruments OPA699M Datasheet HTML 14Page - Texas Instruments OPA699M Datasheet HTML 15Page - Texas Instruments OPA699M Datasheet HTML 16Page - Texas Instruments OPA699M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
Ambient Temperature (_C)
−50
−25
75
50
25
0
100
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Input Bias Current (I
B)
Input Offset Voltage (V
OS)
Input Offset Current (I
OS)
G030
Frequency (Hz)
10k
100k
10M
1M
100M
80
70
60
50
40
30
20
10
0
-PSRR
+PSRR
CMRR
G029
Frequency (MHz)
1
10
100
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
OPA699
750
Ω
125
Ω
0.02V
PP + 2VDC
150
Ω
V
O
V
H
V
L
Open
G031
Frequency (Hz)
1M
100M
10M
1G
100
10
1
0.1
0.01
G = +4
V
O = 0.5VPP
G032
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
CMRR AND POWER-SUPPLY REJECTION
TYPICAL DRIFT OVER TEMPERATURE
vs
FREQUENCY
Figure 29.
Figure 30.
LIMITER FEEDTHROUGH
CLOSSED-LOOP OUTPUT IMPEDANCE
Figure 31.
Figure 32.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com