Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 3 Page - Texas Instruments

  AFE030 Datasheet HTML 1Page - Texas Instruments AFE030 Datasheet HTML 2Page - Texas Instruments AFE030 Datasheet HTML 3Page - Texas Instruments AFE030 Datasheet HTML 4Page - Texas Instruments AFE030 Datasheet HTML 5Page - Texas Instruments AFE030 Datasheet HTML 6Page - Texas Instruments AFE030 Datasheet HTML 7Page - Texas Instruments AFE030 Datasheet HTML 8Page - Texas Instruments AFE030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS: Transmitter (Tx), Tx_DAC
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output range
GND + 0.1
AVDD – 0.1
V
Resolution
1024 steps, 10-bit DAC
3.2
mV
Second-harmonic distortion
–73
dB
Total harmonic distortion
THD
Third-harmonic distortion
–56
dB
at 62.5 kHz(1)
Fourth-harmonic distortion
–94
dB
Data rate
1.5
MSPS
(1)
Total harmonic distortion measured at output of Tx_PGA configured in a gain of 1 V/V with an amplitude of 3 VPP, at a 1-MHz sample
rate.
ELECTRICAL CHARACTERISTICS: Transmitter (Tx), Tx_PGA
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Input voltage range
GND
– 0.1
AVDD + 0.1
V
G = 1 V/V
58
k
Ω
G = 0.707 V/V
68
k
Ω
RI
Input resistance
G = 0.5 V/V
77
k
Ω
G = 0.25 V/V
92
k
Ω
FREQUENCY RESPONSE
DAC mode enabled
G = 1 V/V
8
MHz
BW
Bandwidth
G = 0.707 V/V
9
MHz
G = 0.5 V/V
10
MHz
G = 0.25 V/V
12
MHz
OUTPUT
Voltage output swing from
RLOAD = 10 kΩ,
VO
10
100
mV
AGND or AVDD
connected to AVDD/2
Sourcing
25
mA
IO
Maximum continuous current, dc
Sinking
25
mA
RO
Output resistance
f = 100 kHz
1
Ω
GAIN
Gain error
For all gains
–1
±0.1
+1
%
Gain error drift
TJ = –40°C to +125°C
6
ppm/
°C
Copyright
© 2011, Texas Instruments Incorporated
3
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com