Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 43Page - Texas Instruments AFE030 Datasheet HTML 44Page - Texas Instruments AFE030 Datasheet HTML 45Page - Texas Instruments AFE030 Datasheet HTML 46Page - Texas Instruments AFE030 Datasheet HTML 47Page - Texas Instruments AFE030 Datasheet HTML 48Page - Texas Instruments AFE030 Datasheet HTML 49Page - Texas Instruments AFE030 Datasheet HTML 50Page - Texas Instruments AFE030 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
Table 19 lists several recommended transient protection components.
Table 19. Recommended Transient Protection Devices
120 VAC, 60 Hz
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO (OR EQUIVALENT)
D1
Zener diode
Diodes, Inc.
1SMB59xxB(1)
D2, D3
Schottky diode
Diodes, Inc.
1N5819HW
TVS
Transient voltage suppressor
Diodec Semiconductor
P6SMBJxxC(2)
MOV
Varistor
LittleFuse
TMOV20RP140E
HV Cap
High-voltage capacitor
Illinois Capacitor, Inc
474MKP275KA(3)
240 VAC, 50 Hz
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO (OR EQUIVALENT)
D1
Zener diode
Diodes, Inc.
1SMB59xxB(1)
D2, D3
Schottky diode
Diodes, Inc.
1N5819HW
TVS
Transient voltage suppressor
Diodec Semiconductor
P6SMBJxxC(2)
MOV
Varistor
LittleFuse
TMOV20RP300E
HV Cap
High-voltage capacitor
Illinois Capacitor, Inc
474MKP275KA(3)
(1)
Select the Zener breakdown voltage at the lowest available rating beyond the normal power-supply operating range.
(2)
Select the TVS breakdown voltage at or slightly greater than (0.5
× PA_VS).
(3)
A common value for the high-voltage capacitor is 470 nF. Other values may be substituted depending on the requirements of the
application. Note that when making a substitution, it is important in terms of reliability that the capacitor be selected from the same
familiy or equivalent family of capacitors rated to withstand high-voltage surges.
THERMAL CONSIDERATIONS
In a typical powerline communications application, the AFE030 dissipates 1 W of power when transmitting into
the low impedance of the ac line. This amount of power dissipation can increase the junction temperature, which
in turn can lead to a thermal overload that results in signal transmission interruptions if the proper thermal design
of the PCB has not been performed. Proper management of heat flow from the AFE030 as well as good PCB
design and construction are required to ensure proper device temperature, maximize performance, and extend
device operating life.
The AFE030 is assembled into a 7-mm2 x 7-mm2, 48-lead, QFN package. As Figure 52 shows, this QFN
package has a large area exposed thermal pad on the underside that is used to conduct heat away from the
AFE030 and into the underlying PCB.
Figure 52. QFN Package with Large Area Exposed Thermal Pad
Copyright
© 2011, Texas Instruments Incorporated
47
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com