Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 27Page - Texas Instruments AFE030 Datasheet HTML 28Page - Texas Instruments AFE030 Datasheet HTML 29Page - Texas Instruments AFE030 Datasheet HTML 30Page - Texas Instruments AFE030 Datasheet HTML 31Page - Texas Instruments AFE030 Datasheet HTML 32Page - Texas Instruments AFE030 Datasheet HTML 33Page - Texas Instruments AFE030 Datasheet HTML 34Page - Texas Instruments AFE030 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
External 1- F
Noise Reduction Capacitor
m
PA_V
S
R
R
PA_GND
Inside the AFE030
4 kW
PA_V
2
S Bias
Internal
REF1
AVDD
2
External 1-nF
Noise Reduction Capacitor
AVDD
R
R
AGND
Inside the AFE030
4 kW
Bias
Internal
REF2
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
REF1 and REF2 Blocks
The REF1 and REF2 blocks create midscale power-supply biasing points used internally to the AFE030. Each
reference divides its respective power-supply voltage in half with a precision resistive voltage divider. REF1
provides a PA_VS/2 voltage at the output of the PA, while REF2 provides an AVDD/2 voltage at the outputs of the
Tx PGA, Tx Filter, Rx PGA1, Rx Filter, and Rx PGA2. Each REF block has its output brought out to an external
pin that can be used for filtering and noise reduction. Figure 36 and Figure 37 show the proper connections of
the external noise-reducing capacitors. These capacitors are optional, but are recommended for best
performance.
Figure 36. REF1 Functional Diagram
Figure 37. REF2 Functional Diagram
Copyright
© 2011, Texas Instruments Incorporated
31
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com