Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 33Page - Texas Instruments AFE030 Datasheet HTML 34Page - Texas Instruments AFE030 Datasheet HTML 35Page - Texas Instruments AFE030 Datasheet HTML 36Page - Texas Instruments AFE030 Datasheet HTML 37Page - Texas Instruments AFE030 Datasheet HTML 38Page - Texas Instruments AFE030 Datasheet HTML 39Page - Texas Instruments AFE030 Datasheet HTML 40Page - Texas Instruments AFE030 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
Table 10. Gain Select Register: Address 02h
Default: 32h
Gain Select Register
<7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
This bit is used to set the gain of the Rx PGA1.
00 = 0.25 V/V
RX1G-0,
0, 1
0, 1
R/W
01 = 0.5 V/V
RX1G-1
10 = 1 V/V
11 = 2 V/V
This bit is used to set the gain of the Rx PGA2.
00 = 1 V/V
RX2G-0,
2, 3
0, 0
R/W
01 = 4 V/V
RX2G-1
10 = 16 V/V
11 = 64 V/V
This bit is used to set the gain of the Tx PGA.
00 = 0.25 V/V
TXG-0,
4, 5
1, 1
R/W
01 = 0.5 V/V
TXG-1
10 = 0.707 V/V
11 = 1 V/V
—
6
0
—
Reserved
—
7
0
—
Reserved
Table 11. Enable2 Register: Address 03h
Default: 00h
Enable2 Register
<7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
This bit is used to enable/disable the ZC block.
ZC
0
0
R/W
0 = Disabled
1 = Enabled
This bit is used to enable/disable the REF1 block.
REF1
1
0
R/W
0 = Disabled
1 = Enabled
This bit is used to enable/disable the REF2 block.
REF2
2
0
R/W
0 = Disabled
1 = Enabled
This bit is used to enable/disable the PA output stage.
When the PA output stage is enabled it functions normally with a
low output impedance, capable of driving heavy loads.
PA_OUT
3
0
R/W
When the PA output stage is disabled it is placed into a high
impedance state.
0 = Disabled
1 = Enabled
—
4
0
—
Reserved
—
5
0
—
Reserved
—
6
0
—
Reserved
—
7
0
—
Reserved
Copyright
© 2011, Texas Instruments Incorporated
37
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com