Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 6Page - Texas Instruments AFE030 Datasheet HTML 7Page - Texas Instruments AFE030 Datasheet HTML 8Page - Texas Instruments AFE030 Datasheet HTML 9Page - Texas Instruments AFE030 Datasheet HTML 10Page - Texas Instruments AFE030 Datasheet HTML 11Page - Texas Instruments AFE030 Datasheet HTML 12Page - Texas Instruments AFE030 Datasheet HTML 13Page - Texas Instruments AFE030 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
AFE030
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: Two-Wire Interface
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TWO-WIRE TRANSMITTER
Frequency range(1)
50
kHz
Leakage input current
0
≤ VIN ≤ DVDD
–1
0.01
1
μA
(E_Tx_In, E_Tx_Clk)
INPUT LOGIC LEVELS (E_Tx_In, E_Tx_Clk)
VIH
High-level input voltage
0.7
× DVDD
V
VIL
Low-level input voltage
0.3
× DVDD
V
OUTPUT LOGIC LEVELS (E_Tx_Out)
VOH
High-level output voltage
IOH = 3 mA
AVDD – 0.4
AVDD
V
VOL
Low-level output voltage
IOL = –3 mA
GND
GND + 0.4
V
TWO-WIRE RECEIVER
Gain
–4.5
dB
Frequency range
300
kHz
Maximum sink current
25
mA
Maximum source current
25
mA
Input terminal offset
Referenced to VAVDD/2
–100
10
100
mV
Input impedance
78
k
Ω
(1)
The two-wire transmitter circuit is tested at Tx_CLK = 10 MHz.
ELECTRICAL CHARACTERISTICS: Zero-Crossing Detector
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
AVDD – 0.4
AVDD + 0.4
V
Input current range
–10
+10
mA
Input capacitance
3
pF
Rising threshold
0.45
0.9
1.35
V
Falling threshold
0.25
0.5
0.75
V
Hysteresis
0.20
0.4
0.60
V
Jitter
50 Hz, 240 VRMS
10
ns
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com