Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 4 Page - Texas Instruments

  AFE030 Datasheet HTML 1Page - Texas Instruments AFE030 Datasheet HTML 2Page - Texas Instruments AFE030 Datasheet HTML 3Page - Texas Instruments AFE030 Datasheet HTML 4Page - Texas Instruments AFE030 Datasheet HTML 5Page - Texas Instruments AFE030 Datasheet HTML 6Page - Texas Instruments AFE030 Datasheet HTML 7Page - Texas Instruments AFE030 Datasheet HTML 8Page - Texas Instruments AFE030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
AFE030
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: Transmitter (Tx), Tx_FILTER
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Input voltage range
GND
– 0.1
AVDD + 0.1
V
Input resistance
RI
43
k
Ω
(Tx_F_IN1 and Tx_F_IN2)
FREQUENCY RESPONSE
CENELEC A Mode
Passband frequency
–3 dB
95
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
910
kHz
Filter gain
0
dB
CENELEC B/C/D MODES
Passband frequency
–3 dB
145
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
870
kHz
Filter gain
0
dB
OUTPUT
Voltage output swing from
RLOAD = 10 kΩ,
VO
10
100
mV
AGND or AVDD
connected to AVDD/2
Sourcing
25
mA
IO
Maximum continuous current, dc
Sinking
25
mA
RO
Output resistance
f = 100 kHz
1
Ω
TRANSMITTER NOISE
CENELEC Band A
Noise-reducing capacitor = 1 nF
435
μVRMS
Integrated
(40 kHz to 90 kHz)
from pin 19 to ground
noise at
CENELEC Bands B/C/D
Noise-reducing capacitor = 1 nF
PA output(1)
460
μVRMS
(95 kHz to 140 kHz)
from pin 19 to ground
(1)
Includes DAC, Tx_PGA, Tx_Filter, PA, and REF1 bias generator.
4
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com