Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 28Page - Texas Instruments AFE030 Datasheet HTML 29Page - Texas Instruments AFE030 Datasheet HTML 30Page - Texas Instruments AFE030 Datasheet HTML 31Page - Texas Instruments AFE030 Datasheet HTML 32Page - Texas Instruments AFE030 Datasheet HTML 33Page - Texas Instruments AFE030 Datasheet HTML 34Page - Texas Instruments AFE030 Datasheet HTML 35Page - Texas Instruments AFE030 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
+
330 kW
330 kW
330 kW
120 VAC
to 240 VAC
50/60 Hz
ZLLS410 or
Equivalent
ZLLS410 or
Equivalent
AVDD
3.3 V
ZC
IN
ZC
OUT
AV
DD
AGND
Zero
Crossing
Inside the AFE030
0.0
3.3
Time (5 ms/div)
0
50
100
350
0
-350
AFE030
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
Zero Crossing Detector Block
The AFE030 includes two zero crossing detectors. Zero crossing detectors can be used to synchronize
communications signals to the ac line or sources of noise. Typically, in single-phase applications, only a single
zero crossing detector is used. In three-phase applications, both zero crossing detectors can be used; one
component detects phase A, and one detects phase B. Phase C zero crossings can then be inferred from the
data gathered from the other phases. Figure 38 shows the AFE030 configured for non-isolated zero crossing
detection.
Figure 38. Non-Isolated Zero Crossing Detection Using the AFE030
Non-isolated zero crossing waveforms are shown in Figure 39.
Figure 39. Non-Isolated Zero Crossing Waveforms
32
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com