Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 44Page - Texas Instruments AFE030 Datasheet HTML 45Page - Texas Instruments AFE030 Datasheet HTML 46Page - Texas Instruments AFE030 Datasheet HTML 47Page - Texas Instruments AFE030 Datasheet HTML 48Page - Texas Instruments AFE030 Datasheet HTML 49Page - Texas Instruments AFE030 Datasheet HTML 50Page - Texas Instruments AFE030 Datasheet HTML 51Page - Texas Instruments AFE030 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Less than 1%
~20%
~80%
~20%
AFE030
AFE030
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
Some heat is conducted from the silicon die surface through the plastic packaging material and is transferred into
the ambient environment. Because plastic is a relatively poor conductor of heat, however, this route is not the
primary thermal path for heat flow. Heat also flows across the silicon die surface to the bond pads, through the
wire bonds, into the package leads, and finally into the top layer of the PCB. While both of these paths for heat
flow are important, the majority (nearly 80%) of the heat flows downward, through the silicon die, into the
thermally-conductive die attach epoxy, and into the exposed thermal pad on the underside of the package (as
shown in Figure 53). Minimizing the thermal resistance of this downward path to the ambient environment
maximizes the life and performance of the device.
Figure 53. Heat Flow in the QFN Package
The exposed thermal pad must be soldered to the PCB thermal pad. The thermal pad on the PCB should be the
same size as the exposed thermal pad on the underside of the QFN package. Refer to Application Report,
QFN/SON PCB Attachment, literature number SLUA271A, for recommendations on attaching the thermal pad to
the PCB. Figure 54 illustrates the direction of heat spreading into the PCB from the device.
Figure 54. Heat Spreading into PCB
The heat spreading into the PCB is maximized if the thermal path is uninterrupted. Best results are achieved if
the heat-spreading surfaces are filled with copper to the greatest extent possible, maximizing the percent area
covered on each layer. As an example, a thermally robust, multilayer PCB design may consist of four layers with
copper (Cu) coverage of 60% in the top layer, 85% and 90% in the inner layers, respectively, and 95% on the
bottom layer.
48
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com