Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 41Page - Texas Instruments AFE030 Datasheet HTML 42Page - Texas Instruments AFE030 Datasheet HTML 43Page - Texas Instruments AFE030 Datasheet HTML 44Page - Texas Instruments AFE030 Datasheet HTML 45Page - Texas Instruments AFE030 Datasheet HTML 46Page - Texas Instruments AFE030 Datasheet HTML 47Page - Texas Instruments AFE030 Datasheet HTML 48Page - Texas Instruments AFE030 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
C
10 nF
10
C1
C2
R
330 W
11
See Note 1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SPI
DAC
Registers
DAC
Tx
PGA
Tx
Filter
LPF
LPF
Power
Amplifier
Rx
PGA2
Rx
PGA1
Rx
Filter
Two-Wire
Support
Circuitry
Tx
Rx
LPF
Zero
Crossing
R
33 kW
3
R
10 kW
4
R
10 kW
5
R
33 kW
1
R
33 kW
2
R through R
10 k
each
W
6
9
3.3 V
3.3 V
+15 V
3.3 V
3.3 V
3.3 V
GPIO
GPIO
SPI
SPI
SPI
SPI
GPIO
GPIO
GPIO
TMS320F28x
Flexible PLC
Software Engine
C
1 F
m
12
C
10 nF
11
C
4.7 nF
19
C
1.5 nF
20
L3
1.5 mH
L2
15 H
m
R
1 kW
14
R
1 kW
13
25 kHz to
95 kHz
Fourth-Order
Passive
Passband
Filter
C
1 nF
9
C
10 nF
7
C
10 F
m
4
ADC IN
Test
Point
C
10 F
m
3
C
470 nF
18
+
+
N1
N2
1.5:1
Coilcraft DA2302-AL
R
4.7 W
12
C
10 nF
17
D4
TVS
C
10 F
m
6
Phase
Neutral
Line Coupling Circuit
C
10 F
m
13
C
10 F
m
5
C
10 F
m
14
C
10 F
m
15
C
100 nF
16
D2
D3
D1
L4
4.7 mH
C
3.3 nF
8
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
(1) Recommended values for C1 and C2:
1.
C1:
–
CENELEC A: 680 pF
–
CENELEC B, C, D: 270 pF
2.
C2:
–
CENELEC A: 680 pF
–
CENELEC B, C, D: 560 pF
Figure 49. Typical Powerline Communications Modem Application
Copyright
© 2011, Texas Instruments Incorporated
45
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com