Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 13Page - Texas Instruments AFE030 Datasheet HTML 14Page - Texas Instruments AFE030 Datasheet HTML 15Page - Texas Instruments AFE030 Datasheet HTML 16Page - Texas Instruments AFE030 Datasheet HTML 17Page - Texas Instruments AFE030 Datasheet HTML 18Page - Texas Instruments AFE030 Datasheet HTML 19Page - Texas Instruments AFE030 Datasheet HTML 20Page - Texas Instruments AFE030 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
−60
−50
−40
−30
−20
−10
0
10
20
10k
100k
1M
Frequency (Hz)
CENELEC A
CENELEC B,C,D
G001
−60
−50
−40
−30
−20
−10
0
10
20
10k
100k
1M
Frequency (Hz)
CENELEC A
CENELEC B,C,D
G002
−40
−30
−20
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
Frequency (Hz)
G003
0
5
10
15
20
25
1k
10k
100k
1M
10M
Frequency (Hz)
PA Supply = 24V
PA Supply = 15V
PA Supply = 12V
G004
−40
−30
−20
−10
0
10
20
30
40
10k
100k
1M
10M 20M
Frequency (Hz)
Gain = 1 V/V
Gain = 0.707 V/V
Gain = 0.5 V/V
Gain = 0.25 V/V
G005
−40
−30
−20
−10
0
10
20
30
40
10k
100k
1M
10M
100M
Frequency (Hz)
Gain = 2 V/V
Gain = 1 V/V
Gain = 0.5 V/V
Gain = 0.25 V/V
G006
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
Tx Filter GAIN vs FREQUENCY
Rx Filter GAIN vs FREQUENCY
Figure 5.
Figure 6.
PA GAIN vs FREQUENCY
MAXIMUM PA OUTPUT VOLTAGE vs FREQUENCY
Figure 7.
Figure 8.
Tx PGA GAIN vs FREQUENCY
Rx PGA1 GAIN vs FREQUENCY
Figure 9.
Figure 10.
Copyright
© 2011, Texas Instruments Incorporated
17
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com