Electronic Components Datasheet Search
  English  ▼

X  

AFE030 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 5 Page - Texas Instruments

  AFE030 Datasheet HTML 1Page - Texas Instruments AFE030 Datasheet HTML 2Page - Texas Instruments AFE030 Datasheet HTML 3Page - Texas Instruments AFE030 Datasheet HTML 4Page - Texas Instruments AFE030 Datasheet HTML 5Page - Texas Instruments AFE030 Datasheet HTML 6Page - Texas Instruments AFE030 Datasheet HTML 7Page - Texas Instruments AFE030 Datasheet HTML 8Page - Texas Instruments AFE030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS: Power Amplifier (PA)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and PA_ISET (pin 46) connected to ground, unless otherwise noted.
AFE030
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Input voltage range
GND
– 0.1
PA_VS + 0.1
V
RI
Input resistance
20
k
Ω
FREQUENCY RESPONSE
BW Bandwidth
ILOAD = 0
670
kHz
SR
Slew rate
10-V step
19
V/
μs
Full-power bandwidth
VOUT = 10 VPP
300
kHz
AC PSRR
f = 50 kHz
14
dB
OUTPUT
IO = 300 mA, sourcing
0.3
1
V
From PA_VS
IO = 1.0 A, sourcing
1
1.5
V
Voltage output
VO
swing
IO = 300 mA, sinking
0.3
1
V
From PA_Gnd
IO = 1.0 A, sinking
1
1.5
V
PA_ISET (pin 46) connected to
IO
Maximum continuous current, dc
1.0
A
ground
Maximum peak current, ac
TJ = –40°C to +125°C, f = 50 kHz
1.0
A
RO
Output resistance
IO = 1.0 A
0.1
Ω
Output impedance, f = 100 kHz,
PA disabled
145 ll 120
k
Ω ll pF
REF1 enabled
Output current limit range
±0.4 to ±1.0
A
ILIM = 20 k × [1.2 V/(RSET + 15 kΩ)]
A
Current limit equation
Solved for RSET (current limit)
RSET = [(20 k × 1.2 V/ILIM) – 15 kΩ]
Ω
GAIN (RLOAD = 1 kΩ)
G
Nominal gain
6.5
V/V
Gain error
–1
0.1
+1
%
Gain error drift
TJ = –40°C to +125°C
±1
ppm/
°C
TSENSE DIODE
η
Diode ideality factor
1.033
THERMAL SHUTDOWN
Junction temperature at shutdown
+165
°C
Hysteresis
20
°C
Return to normal operation
+145
°C
Copyright
© 2011, Texas Instruments Incorporated
5
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com