Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 18Page - Texas Instruments AM1802 Datasheet HTML 19Page - Texas Instruments AM1802 Datasheet HTML 20Page - Texas Instruments AM1802 Datasheet HTML 21Page - Texas Instruments AM1802 Datasheet HTML 22Page - Texas Instruments AM1802 Datasheet HTML 23Page - Texas Instruments AM1802 Datasheet HTML 24Page - Texas Instruments AM1802 Datasheet HTML 25Page - Texas Instruments AM1802 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
2.7.7
Serial Peripheral Interface Modules (SPI)
Table 2-9. Serial Peripheral Interface (SPI) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
SPI0
SPI0_CLK / GP1[8] / MII_RXCLK
D19
I/O
CP[7]
A
SPI0 clock
SPI0_ENA / MII_RXDV
C17
I/O
CP[7]
A
SPI0 enable
SPI0_SCS[0] / TM64P1_OUT12 / GP1[6] / MDIO_D / TM64P1_IN12
D17
I/O
CP[10]
A
SPI0_SCS[1] / TM64P0_OUT12 / GP1[7] / MDIO_CLK /
E16
I/O
CP[10]
A
TM64P0_IN12
SPI0_SCS[2] / UART0_RTS / GP8[1] / MII_RXD[0]
D16
I/O
CP[9]
A
SPI0 chip selects
SPI0_SCS[3] / UART0_CTS / GP8[2] / MII_RXD[1]
E17
I/O
CP[9]
A
SPI0_SCS[4] / UART0_TXD / GP8[3] / MII_RXD[2]
D18
I/O
CP[8]
A
SPI0_SCS[5] / UART0_RXD / GP8[4] / MII_RXD[3]
C19
I/O
CP[8]
A
SPI0 data slave-in-
SPI0_SIMO / GP8[5] / MII_CRS
C18
I/O
CP[7]
A
master-out
SPI0 data slave-out-
SPI0_SOMI / GP8[6] / MII_RXER
C16
I/O
CP[7]
A
master-in
SPI1
SPI1_CLK / GP2[13]
G19
I/O
CP[15]
A
SPI1 clock
SPI1_ENA / GP2[12]
H16
I/O
CP[15]
A
SPI1 enable
SPI1_SCS[0] /GP2[14] / TM64P3_IN12
E19
I/O
CP[14]
A
SPI1_SCS[1] / GP2[15] / TM64P2_IN12
F18
I/O
CP[14]
A
SPI1_SCS[2] / UART1_TXD / GP1[0]
F19
I/O
CP[13]
A
SPI1_SCS[3] / UART1_RXD / GP1[1]
E18
I/O
CP[13]
A
SPI1 chip selects
SPI1_SCS[4] / UART2_TXD / GP1[2]
F16
I/O
CP[12]
A
SPI1_SCS[5] / UART2_RXD / GP1[3]
F17
I/O
CP[12]
A
SPI1_SCS[6] / I2C0_SDA / TM64P3_OUT12 / GP1[4]
G18
I/O
CP[11]
A
SPI1_SCS[7] / I2C0_SCL / TM64P2_OUT12 / GP1[5]
G16
I/O
CP[11]
A
SPI1 data slave-in-
SPI1_SIMO / GP2[10]
G17
I/O
CP[15]
A
master-out
SPI1 data slave-out-
SPI1_SOMI / GP2[11]
H17
I/O
CP[15]
A
master-in
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are pulled down. If the application requires a pull-up,
an external pull-up can be used. For electrical specifications on the pull-up and and internal pull-down circuits, see the Device Operating
Conditions section.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
22
Device Overview
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com