Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 84Page - Texas Instruments AM1802 Datasheet HTML 85Page - Texas Instruments AM1802 Datasheet HTML 86Page - Texas Instruments AM1802 Datasheet HTML 87Page - Texas Instruments AM1802 Datasheet HTML 88Page - Texas Instruments AM1802 Datasheet HTML 89Page - Texas Instruments AM1802 Datasheet HTML 90Page - Texas Instruments AM1802 Datasheet HTML 91Page - Texas Instruments AM1802 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 180 page
background image
DDR2/mDDR Memory Controller
DDR_D[0:7]
DDR_DQM[0]
DDR_DQS[0]
ODT
DQ0 - DQ7
BA0-BA2
CK
CK
DM
DQS
DQS
CS
CAS
RAS
DDR_BA[0:2]
CKE
BA0-BA2
DDR_A[0:13]
DDR_CLKP
A0-A13
DDR_CLKN
DDR_CS
CK
CS
DDR_CAS
DDR_RAS
CAS
RAS
DDR_WE
WE
DDR_D[8:15]
DQS
DQ0 - DQ7
DDR_DQGATE0
DDR_DQGATE1
T
T
T
T
T
T
T
T
T
T
T
T
T
T
DDR_ZP
VREF
(3)
DDR_VREF
1 K Ω 1%
DDR_DVDD18
VREF
1 K Ω 1%
0.1 μF
0.1 μF
0.1 μF
(2)
0.1 μF
(2)
0.1 μF
(2)
T
Terminator, if desired. See terminator comments.
ODT
A0-A13
WE
VREF
CK
DDR_CKE
CKE
T
DDR_DQM1
DM
T
DDR_DQS1
DQS
T
NC
NC
(1)
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
(1)
See Figure 5-23 for DQGATE routing specifications.
(2)
For DDR2, one of these capacitors can be eliminated if the divider and its capacitors are placed near a device VREF pin. For mDDR,
these capacitors can be eliminated completely.
(3)
VREF applies in the case of DDR2 memories. For mDDR, the DDR_VREF pin still needs to be connected to the divider circuit.
Figure 5-17. DDR2/mDDR Dual-Memory High Level Schematic
88
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com