Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 26Page - Texas Instruments AM1802 Datasheet HTML 27Page - Texas Instruments AM1802 Datasheet HTML 28Page - Texas Instruments AM1802 Datasheet HTML 29Page - Texas Instruments AM1802 Datasheet HTML 30Page - Texas Instruments AM1802 Datasheet HTML 31Page - Texas Instruments AM1802 Datasheet HTML 32Page - Texas Instruments AM1802 Datasheet HTML 33Page - Texas Instruments AM1802 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
2.7.15 Multimedia Card/Secure Digital (MMC/SD)
Table 2-17. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
MMCSD0
MMCSD0_CLK / GP4[7]
E9
O
CP[18]
B
MMCSD0 Clock
EMA_A[22] / MMCSD0_CMD / GP4[6]
A10
I/O
CP[18]
B
MMCSD0 Command
EMA_A[14] / MMCSD0_DAT[7] / GP5[14]
A12
I/O
CP[19]
B
EMA_A[15] / MMCSD0_DAT[6] / GP5[15]
C11
I/O
CP[19]
B
EMA_A[16] / MMCSD0_DAT[5] / GP4[0]
E12
I/O
CP[18]
B
EMA_A[17] / MMCSD0_DAT[4] / GP4[1]
B11
I/O
CP[18]
B
MMC/SD0 data
EMA_A[18] / MMCSD0_DAT[3] / GP4[2]
E11
I/O
CP[18]
B
EMA_A[19] / MMCSD0_DAT[2] / GP4[3]
C10
I/O
CP[18]
B
EMA_A[20] / MMCSD0_DAT[1] / GP4[4]
A11
I/O
CP[18]
B
EMA_A[21] / MMCSD0_DAT[0] / GP4[5]
B10
I/O
CP[18]
B
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are pulled down. If the application requires a pull-up,
an external pull-up can be used. For electrical specifications on the pull-up and and internal pull-down circuits, see the Device Operating
Conditions section.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
30
Device Overview
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com