Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 78Page - Texas Instruments AM1802 Datasheet HTML 79Page - Texas Instruments AM1802 Datasheet HTML 80Page - Texas Instruments AM1802 Datasheet HTML 81Page - Texas Instruments AM1802 Datasheet HTML 82Page - Texas Instruments AM1802 Datasheet HTML 83Page - Texas Instruments AM1802 Datasheet HTML 84Page - Texas Instruments AM1802 Datasheet HTML 85Page - Texas Instruments AM1802 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 180 page
background image
EMA_CS[5:2]
EMA_BA[1:0]
13
12
EMA_A[22:0]
EMA_OE
EMA_D[15:0]
EMA_WE
10
5
9
7
4
8
6
3
1
EMA_
_DQM[1:0]
WE
EMA_A_RW
1
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-22. Switching Characteristics for EMIFA Asynchronous Memory Interface(1)(2)(3) (continued)
1.2V, 1.1V, 1.0V
NO.
PARAMETER
UNIT
MIN
Nom
MAX
EMA_WE active low width (EW = 0)
(WST)*E-3
(WST)*E
(WST)*E+3
ns
24
tw(EMWEL)
EMA_WE active low width (EW = 1)
(WST+(EWC*16))*E-3
(WST+(EWC*16))*E
(WST+(EWC*16))*E+3
ns
25
td(EMWAITH-EMWEH)
Delay time from EMA_WAIT deasserted to EMA_WE high
3E-3
4E
4E+3
ns
26
tsu(EMDV-EMWEL)
Output setup time, EMA_D[15:0] valid to EMA_WE low
(WS)*E-3
(WS)*E
(WS)*E+3
ns
27
th(EMWEH-EMDIV)
Output hold time, EMA_WE high to EMA_D[15:0] invalid
(WH)*E-3
(WH)*E
(WH)*E+3
ns
Figure 5-12. Asynchronous Memory Read Timing for EMIFA
82
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com