Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 5 Page - Texas Instruments

  AM1802 Datasheet HTML 1Page - Texas Instruments AM1802 Datasheet HTML 2Page - Texas Instruments AM1802 Datasheet HTML 3Page - Texas Instruments AM1802 Datasheet HTML 4Page - Texas Instruments AM1802 Datasheet HTML 5Page - Texas Instruments AM1802 Datasheet HTML 6Page - Texas Instruments AM1802 Datasheet HTML 7Page - Texas Instruments AM1802 Datasheet HTML 8Page - Texas Instruments AM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the device. The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 2-1. Characteristics of the Device
HARDWARE FEATURES
AM1802
DDR2, 16-bit bus width, up to 156 MHz
DDR2/mDDR Controller
Mobile DDR, 16-bit bus width, up to 150 MHz
Asynchronous (8/16-bit bus width) RAM, Flash,
EMIFA
16-bit SDRAM, NOR, NAND
Flash Card Interface
MMC and SD cards supported
64 independent channels, 16 QDMA channels,
EDMA3
Peripherals
2 channel controllers, 3 transfer controllers
4 64-Bit General Purpose (each configurable as 2 separate
Not all peripherals pins
Timers
32-bit timers, one configurable as Watch Dog)
are available at the
same time (for more
UART
3 (each with RTS and CTS flow control)
detail, see the Device
SPI
2 (Each with multiple chip selects)
Configurations section).
I2C
1 (Master/Slave)
Multichannel Audio Serial Port [McASP]
1 (each with transmit/receive, FIFO buffer, 16 serializers)
10/100 Ethernet MAC with Management Data I/O
1 (MII or RMII Interface)
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
General-Purpose Input/Output Port
9 banks of 16-bit
Size (Bytes)
168KB RAM
ARM
16KB I-Cache
16KB D-Cache
On-Chip Memory
Organization
8KB RAM (Vector Table)
64KB ROM
ADDITIONAL MEMORY
128KB RAM
JTAG BSDL_ID
DEVIDR0 Register
0x0B7D_102F
CPU Frequency
MHz
ARM926 300 MHz (1.2V)
Core (V)
1.2 V nominal for 300 MHz
Voltage
I/O (V)
1.8 V or 3.3 V
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
Packages
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
2.3
ARM Subsystem
The ARM Subsystem includes the following features:
•
ARM926EJ-S RISC processor
•
ARMv5TEJ (32/16-bit) instruction set
•
Little endian
•
System Control Co-Processor 15 (CP15)
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
5
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com