Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 40Page - Texas Instruments AM1802 Datasheet HTML 41Page - Texas Instruments AM1802 Datasheet HTML 42Page - Texas Instruments AM1802 Datasheet HTML 43Page - Texas Instruments AM1802 Datasheet HTML 44Page - Texas Instruments AM1802 Datasheet HTML 45Page - Texas Instruments AM1802 Datasheet HTML 46Page - Texas Instruments AM1802 Datasheet HTML 47Page - Texas Instruments AM1802 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
4.2
Recommended Operating Conditions
NAME
DESCRIPTION
CONDITION
MIN
NOM
MAX
UNIT
CVDD
Core Logic Supply Voltage (variable) 1.2V operating point
1.14
1.2
1.32
V
1.1V operating point
1.05
1.1
1.16
V
1.0V operating point
0.95
1.0
1.05
V
RVDD
Internal RAM Supply Voltage
300 MHz versions
1.14
1.2
1.32
V
RTC_CVDD (1)
RTC Core Logic Supply Voltage
0.9
1.2
1.32
V
PLL0_VDDA
PLL0 Supply Voltage
1.14
1.2
1.32
V
PLL1_VDDA
PLL1 Supply Voltage
1.14
1.2
1.32
V
USB_CVDD
USB0 Core Logic Supply Voltage
1.14
1.2
1.32
V
USB0_VDDA18
USB0 PHY Supply Voltage
1.71
1.8
1.89
V
USB0_VDDA33
USB0 PHY Supply Voltage
3.15
3.3
3.45
V
Supply
DVDD18(2)
1.8V Logic Supply
1.71
1.8
1.89
V
Voltage
DDR_DVDD18
DDR2 PHY Supply Voltage
1.71
1.8
1.89
V
(2)
0.49*
0.5*
0.51*
DDR_VREF
DDR2/mDDR reference voltage
V
DDR_DVDD18
DDR_DVDD18
DDR_DVDD18
DDR2/mDDR impedance control,
DDR_ZP
Vss
V
connected via 50
Ω resistor to Vss
1.8V operating point
1.71
1.8
1.89
V
Power Group A Dual-voltage IO
DVDD3318_A
Supply Voltage
3.3V operating point
3.15
3.3
3.45
V
1.8V operating point
1.71
1.8
1.89
V
Power Group B Dual-voltage IO
DVDD3318_B
Supply Voltage
3.3V operating point
3.15
3.3
3.45
V
1.8V operating point
1.71
1.8
1.89
V
Power Group C Dual-voltage IO
DVDD3318_C
Supply Voltage
3.3V operating point
3.15
3.3
3.45
V
Supply
VSS
Core Logic Digital Ground
V
Ground
PLL0_VSSA
PLL0 Ground
V
PLL1_VSSA
PLL1 Ground
V
OSCVSS(3)
Oscillator Ground
V
RTC_VSS(3)
RTC Oscillator Ground
V
USB0_VSSA
USB0 PHY Ground
V
USB0_VSSA33
USB0 PHY Ground
V
Voltage
VIH
High-level input voltage, Dual-voltage I/O, 3.3V(4)
2
V
Input High
High-level input voltage, Dual-voltage I/O, 1.8V (4)
0.65*DVDD
V
High-level input voltage, RTC_XI
0.8*RTC_CVDD
V
High-level input voltage, OSCIN
0.8*CVDD
V
VIL
Low-level input voltage, Dual-voltage I/O, 3.3V(4)
0.8
V
Voltage
Input Low
Low-level input voltage, Dual-voltage I/O, 1.8V (4)
0.35*DVDD
V
Low-level input voltage, RTC_XI
0.2*RTC_CVDD
V
Low-level input voltage, OSCIN
0.2*CVDD
V
USB
USB0_VBUS
USB external charge pump input
0
5.25
V
Transition
Transition time, 10%-90%, All Inputs (unless otherwise
tt
0.25P or 10 (5)
ns
Time
specified in the electrical data sections)
(1)
The RTC provides an option for isolating the RTC_CVDD from the CVDD to reduce current leakage when the RTC is powered
independently. If these power supplies are not isolated (CTRL.SPLITPOWER=0), RTC_CVDD must be equal to or greater than CVDD.
If these power supplies are isolated (CTRL.SPLITPOWER=1), RTC_CVDD may be lower than CVDD.
(2)
DVDD18 must be powered even if all of the DVDD3318_x supplies are operated at 3.3V.
(3)
When an external crystal is used oscillator (OSC_VSS, RTC_VSS) ground must be kept separate from other grounds and connected
directly to the crystal load capacitor ground. These pins are shorted to VSS on the device itself and should not be connected to VSS on
the circuit board. If a crystal is not used and the clock input is driven directly, then the oscillator VSS may be connected to board ground.
(4)
These IO specifications apply to the dual-voltage IOs only and do not apply to the DDR2/mDDR interfaces. DDR2/mDDR IOs are 1.8V
IOs and adhere to the JESD79-2A standard.
(5)
Whichever is smaller. Where P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to
improve noise immunity on input signals.
44
Device Operating Conditions
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com