Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 1 Page - Texas Instruments

  AM1802 Datasheet HTML 1Page - Texas Instruments AM1802 Datasheet HTML 2Page - Texas Instruments AM1802 Datasheet HTML 3Page - Texas Instruments AM1802 Datasheet HTML 4Page - Texas Instruments AM1802 Datasheet HTML 5Page - Texas Instruments AM1802 Datasheet HTML 6Page - Texas Instruments AM1802 Datasheet HTML 7Page - Texas Instruments AM1802 Datasheet HTML 8Page - Texas Instruments AM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
AM1802 ARM Microprocessor
Check for Samples: AM1802
1
Device Summary
1.1
Features
12
•
NOR (8-/16-Bit-Wide Data)
• Highlights
•
NAND (8-/16-Bit-Wide Data)
– 300-MHz ARM926EJ-S™ RISC Core
•
16-Bit SDRAM With 128 MB Address
– ARM9 Memory Architecture
Space
– Enhanced Direct-Memory-Access Controller
– DDR2/Mobile DDR Memory Controller
3 (EDMA3)
•
16-Bit DDR2 SDRAM With 512 MB
– Two External Memory Interfaces
Address Space or
– Three Configurable 16550 type UART
•
16-Bit mDDR SDRAM With 256 MB
Modules
Address Space
– Two Serial Peripheral Interfaces (SPI)
• Three Configurable 16550 type UART Modules:
– Multimedia Card (MMC)/Secure Digital (SD)
– With Modem Control Signals
Card Interface with Secure Data I/O (SDIO)
– 16-byte FIFO
– One Master/Slave Inter-Integrated Circuit
– 16x or 13x Oversampling Option
– USB 2.0 OTG Port With Integrated PHY
• Two Serial Peripheral Interfaces (SPI) Each
– One Multichannel Audio Serial Port
With Multiple Chip-Selects
– 10/100 Mb/s Ethernet MAC (EMAC)
• One Multimedia Card (MMC)/Secure Digital (SD)
– Three 64-Bit General-Purpose Timers
Card Interface with Secure Data I/O (SDIO)
– One 64-bit General-Purpose/Watchdog Timer
Interfaces
• One Master/Slave Inter-Integrated Circuit (I2C
Bus™)
• 300-MHz ARM926EJ-S RISC MPU
• USB 2.0 OTG Port With Integrated PHY (USB0)
• ARM926EJ-S Core
– USB 2.0 High-/Full-Speed Client
– 32-Bit and 16-Bit (Thumb®) Instructions
– USB 2.0 High-/Full-/Low-Speed Host
– Single Cycle MAC
– End Point 0 (Control)
– ARM® Jazelle® Technology
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
– EmbeddedICE-RT™ for Real-Time Debug
ISOC) Rx and Tx
• ARM9 Memory Architecture
• One Multichannel Audio Serial Port:
– 16K-Byte Instruction Cache
– Transmit/Receive Clocks
– 16K-Byte Data Cache
– Two Clock Zones and 16 Serial Data Pins
– 8K-Byte RAM (Vector Table)
– Supports TDM, I2S, and Similar Formats
– 64K-Byte ROM
– DIT-Capable
• Enhanced Direct-Memory-Access Controller 3
– FIFO buffers for Transmit and Receive
(EDMA3):
• 10/100 Mb/s Ethernet MAC (EMAC):
– 2 Channel Controllers
– IEEE 802.3 Compliant
– 3 Transfer Controllers
– MII Media Independent Interface
– 64 Independent DMA Channels
– RMII Reduced Media Independent Interface
– 16 Quick DMA Channels
– Management Data I/O (MDIO) Module
– Programmable Transfer Burst Size
• Real-Time Clock With 32-kHz Oscillator and
• 128K-Byte On-chip Memory
Separate Power Rail
• 1.8V or 3.3V LVCMOS IOs (except for USB and
• Three 64-Bit General-Purpose Timers (Each
DDR2 interfaces)
Configurable as Two 32-Bit Timers)
• Two External Memory Interfaces:
• One 64-Bit General-Purpose/Watchdog Timer
(Configurable as Two 32-Bit General-Purpose
– EMIFA
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2010–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - AM1802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1802 TI1-AM1802 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1802BZCED3 TI1-AM1802BZCED3 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1802BZWTD3 TI1-AM1802BZWTD3 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1802EZCED3 TI1-AM1802EZCED3 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1802EZWTD3 TI1-AM1802EZWTD3 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
More results

Similar Description - AM1802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
AM1705 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
AM1802 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com