Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 91Page - Texas Instruments AM1802 Datasheet HTML 92Page - Texas Instruments AM1802 Datasheet HTML 93Page - Texas Instruments AM1802 Datasheet HTML 94Page - Texas Instruments AM1802 Datasheet HTML 95Page - Texas Instruments AM1802 Datasheet HTML 96Page - Texas Instruments AM1802 Datasheet HTML 97Page - Texas Instruments AM1802 Datasheet HTML 98Page - Texas Instruments AM1802 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 180 page
background image
A1
A1
A
T
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
5.11.3.11 DDR2/mDDR CK and ADDR_CTRL Routing
Figure 5-21 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
should be maximized.
Figure 5-21. CK and ADDR_CTRL Routing and Topology
Table 5-34. CK and ADDR_CTRL Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center to Center CK-CKN Spacing(1)
2w(2)
2
CK A to B/A to C Skew Length Mismatch(3)
25
Mils
3
CK B to C Skew Length Mismatch
25
Mils
4
Center to center CK to other DDR2/mDDR trace spacing(1)
4w(2)
5
CK/ADDR_CTRL nominal trace length(4)
CACLM-50
CACLM
CACLM+50
Mils
6
ADDR_CTRL to CK Skew Length Mismatch
100
Mils
7
ADDR_CTRL to ADDR_CTRL Skew Length Mismatch
100
Mils
8
Center to center ADDR_CTRL to other DDR2/mDDR trace spacing(1)
4w(2)
9
Center to center ADDR_CTRL to other ADDR_CTRL trace spacing(1)
3w (2)
10
ADDR_CTRL A to B/A to C Skew Length Mismatch(3)
100
Mils
11
ADDR_CTRL B to C Skew Length Mismatch
100
Mils
(1)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2)
w = PCB trace width as defined in Table 5-27.
(3)
Series terminator, if used, should be located closest to device.
(4)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com