Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 5Page - Texas Instruments AM1802 Datasheet HTML 6Page - Texas Instruments AM1802 Datasheet HTML 7Page - Texas Instruments AM1802 Datasheet HTML 8Page - Texas Instruments AM1802 Datasheet HTML 9Page - Texas Instruments AM1802 Datasheet HTML 10Page - Texas Instruments AM1802 Datasheet HTML 11Page - Texas Instruments AM1802 Datasheet HTML 12Page - Texas Instruments AM1802 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
2.4
Memory Map Summary
Table 2-2. AM1802 Top Level Memory Map
Start Address
End Address
Size
ARM Mem Map
EDMA Mem Map
Master Peripheral Mem Map
0x0000 0000
0x01BB FFFF
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB memory
0x01BC 1000
0x01BC 17FF
2K
ARM ETB reg
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
0x01BC 1900
0x01BF FFFF
0x01C0 0000
0x01C0 7FFF
32K
EDMA3 CC
0x01C0 8000
0x01C0 83FF
1K
EDMA3 TC0
0x01C0 8400
0x01C0 87FF
1K
EDMA3 TC1
0x01C0 8800
0x01C0 FFFF
0x01C1 0000
0x01C1 0FFF
4K
PSC 0
0x01C1 1000
0x01C1 1FFF
4K
PLL Controller 0
0x01C1 2000
0x01C1 3FFF
0x01C1 4000
0x01C1 4FFF
4K
SYSCFG0
0x01C1 5000
0x01C1 FFFF
0x01C2 0000
0x01C2 0FFF
4K
Timer0
0x01C2 1000
0x01C2 1FFF
4K
Timer1
0x01C2 2000
0x01C2 2FFF
4K
I2C 0
0x01C2 3000
0x01C2 3FFF
4K
RTC
0x01C2 4000
0x01C3 FFFF
0x01C4 0000
0x01C4 0FFF
4K
MMC/SD 0
0x01C4 1000
0x01C4 1FFF
4K
SPI 0
0x01C4 2000
0x01C4 2FFF
4K
UART 0
0x01C4 3000
0x01CF FFFF
0x01D0 0000
0x01D0 0FFF
4K
McASP 0 Control
0x01D0 1000
0x01D0 1FFF
4K
McASP 0 AFIFO Ctrl
0x01D0 2000
0x01D0 2FFF
4K
McASP 0 Data
0x01D0 3000
0x01D0 BFFF
0x01D0 C000
0x01D0 CFFF
4K
UART 1
0x01D0 D000
0x01D0 DFFF
4K
UART 2
0x01D0 E000
0x01DF FFFF
0x01E0 0000
0x01E0 FFFF
64K
USB0
0x01E1 0000
0x01E1 3FFF
0x01E1 4000
0x01E1 4FFF
4K
Memory Protection Unit 1 (MPU 1)
0x01E1 5000
0x01E1 5FFF
4K
Memory Protection Unit 2 (MPU 2)
0x01E1 6000
0x01E1 9FFF
0x01E1 A000
0x01E1 AFFF
4K
PLL Controller 1
0x01E1 B000
0x01E1 FFFF
0x01E2 0000
0x01E2 1FFF
8K
EMAC Control Module RAM
0x01E2 2000
0x01E2 2FFF
4K
EMAC Control Module Registers
0x01E2 3000
0x01E2 3FFF
4K
EMAC Control Registers
0x01E2 4000
0x01E2 4FFF
4K
EMAC MDIO port
0x01E2 5000
0x01E2 5FFF
0x01E2 6000
0x01E2 6FFF
4K
GPIO
0x01E2 7000
0x01E2 7FFF
4K
PSC 1
0x01E2 8000
0x01E2 BFFF
0x01E2 C000
0x01E2 CFFF
4K
SYSCFG1
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com