Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 81Page - Texas Instruments AM1802 Datasheet HTML 82Page - Texas Instruments AM1802 Datasheet HTML 83Page - Texas Instruments AM1802 Datasheet HTML 84Page - Texas Instruments AM1802 Datasheet HTML 85Page - Texas Instruments AM1802 Datasheet HTML 86Page - Texas Instruments AM1802 Datasheet HTML 87Page - Texas Instruments AM1802 Datasheet HTML 88Page - Texas Instruments AM1802 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
5.11 DDR2/mDDR Controller
The DDR2/mDDR Memory Controller is a dedicated interface to DDR2/mDDR SDRAM. It supports
JESD79-2A standard compliant DDR2 SDRAM devices and compliant Mobile DDR SDRAM devices.
The DDR2/mDDR Memory Controller support the following features:
•
JESD79-2A standard compliant DDR2 SDRAM
•
Mobile DDR SDRAM
•
512 MByte memory space for DDR2
•
256 MByte memory space for mDDR
•
CAS latencies:
–
DDR2: 2, 3, 4 and 5
–
mDDR: 2 and 3
•
Internal banks:
–
DDR2: 1, 2, 4 and 8
–
mDDR:1, 2 and 4
•
Burst length: 8
•
Burst type: sequential
•
1 chip select (CS) signal
•
Page sizes: 256, 512, 1024 and 2048
•
SDRAM autoinitialization
•
Self-refresh mode
•
Partial array self-refresh (for mDDR)
•
Power down mode
•
Prioritized refresh
•
Programmable refresh rate and backlog counter
•
Programmable timing parameters
•
Little endian
5.11.1 DDR2/mDDR Memory Controller Electrical Data/Timing
Table 5-23. Switching Characteristics Over Recommended Operating Conditions for DDR2/mDDR
Memory Controller
No.
PARAMETER
1.2V
1.1V
1.0V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
DDR2
125
156
125
150
—(1)
—(1)
Cycle time,
1
tc(DDR_CLK)
MHz
DDR_CLKP / DDR_CLKN
mDDR
105
150
100
133
95
133
(1)
DDR2 is not supported at this voltage operating point.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com