Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 83Page - Texas Instruments AM1802 Datasheet HTML 84Page - Texas Instruments AM1802 Datasheet HTML 85Page - Texas Instruments AM1802 Datasheet HTML 86Page - Texas Instruments AM1802 Datasheet HTML 87Page - Texas Instruments AM1802 Datasheet HTML 88Page - Texas Instruments AM1802 Datasheet HTML 89Page - Texas Instruments AM1802 Datasheet HTML 90Page - Texas Instruments AM1802 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 180 page
background image
DDR2/mDDR Memory Controller
DDR_D[7]
DDR2/mDDR
DDR_DQM[0]
ODT
DQ0
DQ7
DDR_D[8]
DDR_D[15]
DQ8
DQ15
LDM
LDQS
LDQS
DDR_DQM[1]
DDR_DQS[1]
UDM
UDQS
UDQS
DDR_BA[0]
DDR_BA[2]
BA0
BA2
DDR_A[0]
DDR_A[13]
A0
DDR_CS
DDR_CAS
CS
CAS
DDR_RAS
DDR_WE
RAS
WE
DDR_CKE
CKE
DDR_CLKP
DDR_CLKN
CK
CK
DDR_DQGATE0
DDR_DQGATE1
DDR_ZP
DDR_VREF
1 K Ω 1%
DDR_DVDD18
VREF
1 K Ω 1%
0.1 μF
0.1 μF
0.1 F
μ
(2)
0.1 F
μ
(2)
T
Terminator, if desired. See terminator comments.
DQ7
A13
0.1 μF
0.1 μF
T
Terminator, if desired. See terminator comments.
DDR_D[0]
NC
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
VREF
(3)
T
Terminator, if desired. See terminator comments.
0.1 F
μ
(2)
DDR_DQS[0]
NC
(1)
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
(1)
See Figure 5-23 for DQGATE routing specifications.
(2)
For DDR2, one of these capacitors can be eliminated if the divider and its capacitors are placed near a device VREF pin. For mDDR,
these capacitors can be eliminated completely.
(3)
VREF applies in the case of DDR2 memories. For mDDR, the DDR_VREF pin still needs to be connected to the divider circuit.
Figure 5-16. DDR2/mDDR Single-Memory High Level Schematic
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com