Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 74Page - Texas Instruments AM1802 Datasheet HTML 75Page - Texas Instruments AM1802 Datasheet HTML 76Page - Texas Instruments AM1802 Datasheet HTML 77Page - Texas Instruments AM1802 Datasheet HTML 78Page - Texas Instruments AM1802 Datasheet HTML 79Page - Texas Instruments AM1802 Datasheet HTML 80Page - Texas Instruments AM1802 Datasheet HTML 81Page - Texas Instruments AM1802 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
5.10.5 EMIFA Electrical Data/Timing
Table 5-19 through Table 5-22 assume testing over recommended operating conditions.
Table 5-19. Timing Requirements for EMIFA SDRAM Interface
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Input setup time, read data valid on EMA_D[15:0] before
19
tsu(EMA_DV-EM_CLKH)
2
3
3
ns
EMA_CLK rising
Input hold time, read data valid on EMA_D[15:0] after
20
th(CLKH-DIV)
1.6
1.6
1.6
ns
EMA_CLK rising
Table 5-20. Switching Characteristics for EMIFA SDRAM Interface
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(CLK)
Cycle time, EMIF clock EMA_CLK
10
15
20
ns
2
tw(CLK)
Pulse width, EMIF clock EMA_CLK high or low
3
5
8
ns
3
td(CLKH-CSV)
Delay time, EMA_CLK rising to EMA_CS[0] valid
7
9.5
13
ns
4
toh(CLKH-CSIV)
Output hold time, EMA_CLK rising to EMA_CS[0] invalid
1
1
1
ns
5
td(CLKH-DQMV)
Delay time, EMA_CLK rising to EMA_WE_DQM[1:0] valid
7
9.5
13
ns
Output hold time, EMA_CLK rising to EMA_WE_DQM[1:0]
6
toh(CLKH-DQMIV)
1
1
1
ns
invalid
Delay time, EMA_CLK rising to EMA_A[12:0] and
7
td(CLKH-AV)
7
9.5
13
ns
EMA_BA[1:0] valid
Output hold time, EMA_CLK rising to EMA_A[12:0] and
8
toh(CLKH-AIV)
1
1
1
ns
EMA_BA[1:0] invalid
9
td(CLKH-DV)
Delay time, EMA_CLK rising to EMA_D[15:0] valid
7
9.5
13
ns
10
toh(CLKH-DIV)
Output hold time, EMA_CLK rising to EMA_D[15:0] invalid
1
1
1
ns
11
td(CLKH-RASV)
Delay time, EMA_CLK rising to EMA_RAS valid
7
9.5
13
ns
12
toh(CLKH-RASIV)
Output hold time, EMA_CLK rising to EMA_RAS invalid
1
1
1
ns
13
td(CLKH-CASV)
Delay time, EMA_CLK rising to EMA_CAS valid
7
9.5
13
ns
14
toh(CLKH-CASIV)
Output hold time, EMA_CLK rising to EMA_CAS invalid
1
1
1
ns
15
td(CLKH-WEV)
Delay time, EMA_CLK rising to EMA_WE valid
7
9.5
13
ns
16
toh(CLKH-WEIV)
Output hold time, EMA_CLK rising to EMA_WE invalid
1
1
1
ns
17
tdis(CLKH-DHZ)
Delay time, EMA_CLK rising to EMA_D[15:0] tri-stated
7
9.5
13
ns
18
tena(CLKH-DLZ)
Output hold time, EMA_CLK rising to EMA_D[15:0] driving
1
1
1
ns
78
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com