Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 132Page - Texas Instruments AM1802 Datasheet HTML 133Page - Texas Instruments AM1802 Datasheet HTML 134Page - Texas Instruments AM1802 Datasheet HTML 135Page - Texas Instruments AM1802 Datasheet HTML 136Page - Texas Instruments AM1802 Datasheet HTML 137Page - Texas Instruments AM1802 Datasheet HTML 138Page - Texas Instruments AM1802 Datasheet HTML 139Page - Texas Instruments AM1802 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
5.16.3 I2C Electrical Data/Timing
5.16.3.1 Inter-Integrated Circuit (I2C) Timing
Table 5-67 and Table 5-68 assume testing over recommended operating conditions (see Figure 5-38 and
Figure 5-39).
Table 5-67. Timing Requirements for I2C Input
1.2V, 1.1V, 1.0V
NO.
PARAMETER
Standard Mode
Fast Mode
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, I2Cx_SCL
10
2.5
μs
2
tsu(SCLH-SDAL)
Setup time, I2Cx_SCL high before I2Cx_SDA low
4.7
0.6
μs
3
th(SCLL-SDAL)
Hold time, I2Cx_SCL low after I2Cx_SDA low
4
0.6
μs
4
tw(SCLL)
Pulse duration, I2Cx_SCL low
4.7
1.3
μs
5
tw(SCLH)
Pulse duration, I2Cx_SCL high
4
0.6
μs
6
tsu(SDA-SCLH)
Setup time, I2Cx_SDA before I2Cx_SCL high
250
100
ns
7
th(SDA-SCLL)
Hold time, I2Cx_SDA after I2Cx_SCL low
0
0
0.9
μs
8
tw(SDAH)
Pulse duration, I2Cx_SDA high
4.7
1.3
μs
9
tr(SDA)
Rise time, I2Cx_SDA
1000
20 + 0.1Cb
300
ns
10
tr(SCL)
Rise time, I2Cx_SCL
1000
20 + 0.1Cb
300
ns
11
tf(SDA)
Fall time, I2Cx_SDA
300
20 + 0.1Cb
300
ns
12
tf(SCL)
Fall time, I2Cx_SCL
300
20 + 0.1Cb
300
ns
13
tsu(SCLH-SDAH)
Setup time, I2Cx_SCL high before I2Cx_SDA high
4
0.6
μs
14
tw(SP)
Pulse duration, spike (must be suppressed)
N/A
0
50
ns
15
Cb
Capacitive load for each bus line
400
400
pF
Table 5-68. Switching Characteristics for I2C (1)
1.2V, 1.1V, 1.0V
NO.
PARAMETER
Standard Mode
Fast Mode
UNIT
MIN
MAX
MIN
MAX
16
tc(SCL)
Cycle time, I2Cx_SCL
10
2.5
μs
17
tsu(SCLH-SDAL)
Setup time, I2Cx_SCL high before I2Cx_SDA low
4.7
0.6
μs
18
th(SDAL-SCLL)
Hold time, I2Cx_SCL low after I2Cx_SDA low
4
0.6
μs
19
tw(SCLL)
Pulse duration, I2Cx_SCL low
4.7
1.3
μs
20
tw(SCLH)
Pulse duration, I2Cx_SCL high
4
0.6
μs
21
tsu(SDAV-SCLH)
Setup time, I2Cx_SDA valid before I2Cx_SCL high
250
100
ns
22
th(SCLL-SDAV)
Hold time, I2Cx_SDA valid after I2Cx_SCL low
0
0
0.9
μs
23
tw(SDAH)
Pulse duration, I2Cx_SDA high
4.7
1.3
μs
28
tsu(SCLH-SDAH)
Setup time, I2Cx_SCL high before I2Cx_SDA high
4
0.6
μs
(1)
I2C must be configured correctly to meet the timings in Table 5-68.
136
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com