Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 154Page - Texas Instruments AM1802 Datasheet HTML 155Page - Texas Instruments AM1802 Datasheet HTML 156Page - Texas Instruments AM1802 Datasheet HTML 157Page - Texas Instruments AM1802 Datasheet HTML 158Page - Texas Instruments AM1802 Datasheet HTML 159Page - Texas Instruments AM1802 Datasheet HTML 160Page - Texas Instruments AM1802 Datasheet HTML 161Page - Texas Instruments AM1802 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 180 page
background image
Seconds
Minutes
Hours
Days
Months
Years
Alarm
Timer
Alarm
Interrupts
Periodic
Interrupts
Counter
32kHz
Oscillator
Compensation
Week
Days
Oscillator
RTC_XI
XTAL
RTC_XO
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
5.22 Real Time Clock (RTC)
The RTC provides a time reference to an application running on the device. The current date and time is
tracked in a set of counter registers that update once per second. The time can be represented in 12-hour
or 24-hour mode. The calendar and time registers are buffered during reads and writes so that updates do
not interfere with the accuracy of the time and date.
Alarms are available to interrupt the CPU at a particular time, or at periodic time intervals, such as once
per minute or once per day. In addition, the RTC can interrupt the CPU every time the calendar and time
registers are updated, or at programmable periodic intervals.
The real-time clock (RTC) provides the following features:
•
100-year calendar (xx00 to xx99)
•
Counts seconds, minutes, hours, day of the week, date, month, and year with leap year compensation
•
Binary-coded-decimal (BCD) representation of time, calendar, and alarm
•
12-hour clock mode (with AM and PM) or 24-hour clock mode
•
Alarm interrupt
•
Periodic interrupt
•
Single interrupt to the CPU
•
Supports external 32.768-kHz crystal or external clock source of the same frequency
•
Separate isolated power supply
Figure 5-51 shows a block diagram of the RTC.
Figure 5-51. Real-Time Clock Block Diagram
158
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com