Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 18 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 18 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 14Page - Texas Instruments GC3021 Datasheet HTML 15Page - Texas Instruments GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
GRAYCHIP, INC.
- 16 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.1
MODE CONTROL REGISTER
This register contains the mode control bits. The suggested default value is 5280 (HEX).
ADDRESS 0:
MODE_REG
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
INPUT[0:1]
This two bit field controls the input data selection. The
input modes are:
INPUT
DESCRIPTION
0
Complex data input
1
High speed real data input
2
Diagnostic ramp input
3
Zero input
2
R/W
REC_ENABLE
Turns on the differential receivers. The high speed input
data and clock signals are cleared when this bit is low.
3
R/W
PTERM_ENABLE
Turns on the termination resistors to VTERM for the
positive rail (I) data and HSI inputs.
4
R/W
NTERM_ENABLE
Turns on the termination resistors to VTERM for the
negative rail (Q) data and HSI inputs.
5
R/W
PCK_ENABLE
Turns on the termination resistor to VTERM for HCK.
6
R/W
NCK_ENABLE
Turns on the termination resistor to VTERM for HCK.
7
R/W
MIXER_ROUND
Round the mixer multiplier products to 12 bits. The
products are truncated to 12 bits if this control is low.
8
R/W
ADDER_CLEAR
Clears one input to the adder in the mixer circuit to allow
the Ieven and Qeven outputs to be routed to the symbol
offset circuitry. See Section 2.5.
9
R/W
2X_GAIN
Enables the 2X gain circuit in the mixer circuit.
10
R/W
OFFSET
Delays the I sample in the symbol offset circuit by one
clock cycle relative to the Q sample.
11
R/W
OFFSET_HOLD
Samples and holds every other I,Q pair in the symbol
offset circuit. The OFFSET_SYNC mode (See Section
4.2) determines how the sample and hold timing is
synchronized to the input data.
12
R/W
QMAP_ENABLE
Enables the quadrant map mode. This mode maps the
I,Q pairs into the first quadrant for phase error lookup
when this mode is selected. The error is then mapped
back to the correct quadrant after it is looked up in the
phase error memory.
13
R/W
QMAP_ROUND
Round instead of truncate the I,Q samples in the phase
error circuit. If QMAP_ENABLE is set the values are
rounded into the 7 MSBs, otherwise they are rounded to
the 6 MSB.
14
R/W
QMAP_INVERT
Convert negative numbers to positive numbers in the
Qmap mode by inverting the data bits (1’s complement
negation) rather than negating them.
15
R/W
NCO_MODE
Turns on the high speed NCO mode. Must be high for
the high speed double rate input mode, low otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com