Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 14 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 10Page - Texas Instruments GC3021 Datasheet HTML 11Page - Texas Instruments GC3021 Datasheet HTML 12Page - Texas Instruments GC3021 Datasheet HTML 13Page - Texas Instruments GC3021 Datasheet HTML 14Page - Texas Instruments GC3021 Datasheet HTML 15Page - Texas Instruments GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
GRAYCHIP, INC.
- 12 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
3.0
PACKAGING
31.9mm
I11
54
I10
56
I9
58
I8
60
I7
63
I6
65
I5
67
I4
69
I3
72
I2
74
I1
76
I0
78
SB
38
SN
37
CK
10
43
SO
R/W
107
CS
106
A3
113
A2
112
A1
111
A0
110
GC3021
GRAYCHIP
GC3021-PQ
VCC PINS: 3,12,13,23,26,32,36,44,48,81,89,93,97,104,108,118,126,136,147,158
GND PINS: 2,11,21,25,30,35,45,46,82,92,99,105,109,119,127,137,148,159
160 PIN PLASTIC QUAD FLAT PACK CHIP CARRIER
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE MIDDLE OF EACH SIDE OF THE CHIP
(MSB)YA11
122
YA10
123
YA9
124
YA8
125
YA7
128
YA6
129
YA5
130
YA4
131
YA3
132
YA2
133
YA1
134
YA0
135
CKENA
34
(1.2559")
0.3 mm
(0.0118")
0.65mm
(0.02559")
1
40
41
80
81
120
121
160
(MSB)
BOE
138
COE
153
A7
117
A6
116
A5
115
A4
114
C3
86
C2
85
C1
84
C0
83
C7
91
C6
90
C5
88
C4
87
C10
96
C9
95
C8
94
C14
102
C13
101
C12
100
C11
98
C15
103
(MSB)
0.2 mm
(0.008")
3.7mm
(0.1457")
VTERM PINS: 53, 62, 71, 80
DOE
14
AOE
121
CKENB
33
A8 (MSB)
120
SA
39
HCK
49
HCK
50
HSI
52
HSI
51
Q11
55
Q10
57
Q9
59
Q8
61
Q7
64
Q6
66
Q5
68
Q4
70
Q3
73
Q2
75
Q1
77
Q0
79
(MSB)
EIN
41
CIN
40
(MSB)YB11
139
YB10
140
YB9
141
YB8
142
YB7
143
YB6
144
YB5
145
YB4
146
YB3
149
YB2
150
YB1
151
YB0
152
(MSB)YC11
154
YC10
155
YC9
156
YC8
157
YC7
160
YC6
1
YC5
4
YC4
5
YC3
6
YC2
7
YC1
8
YC0
9
(MSB)YD11
15
YD10
16
YD9
17
YD8
18
YD7
19
YD6
20
YD5
22
YD4
24
YD3
27
YD2
28
YD1
29
YD0
31
42
EOUT
47
HCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com