Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 22 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 22 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments GC3021 Datasheet HTML 25Page - Texas Instruments GC3021 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
GRAYCHIP, INC.
- 20 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.7
OUTPUT CONTROL REGISTERS
Registers 8, 9, 10 and 11 contain the four output format control words. Each register is identical.
OUTPUT_REGA controls output YA, OUTPUT_REGB controls output YB, OUTPUT_REGC controls output
YC and OUTPUT_REGD controls output YD. The suggested default is 1FFF.
ADDRESS 8:
OUTPUT_REGA
ADDRESS 9:
OUTPUT_REGB
ADDRESS 10:
OUTPUT_REGC
ADDRESS 11:
OUTPUT_REGD
BIT
TYPE
NAME
DESCRIPTION
0-11
R/W
MASK
12 Bit output mask. MASK is bitwise anded with the
output sample. Bit 0 is the LSB, bit 11 is the MSB.
12
R/W
OUTPUT_SEL
Selects which signal is output on this port. See
Table 2 in Section 2.11.
13
R/W
RND_8
Round to 8 bits
14
R/W
RND_10
Round to 10 bits
15
R/W
-
Unused
The RND_8 and RND_10 controls are used to round the 12 bit output values to 8 or 10 bits. Only
one control should be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com