Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 25 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 25 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments GC3021 Datasheet HTML 25Page - Texas Instruments GC3021 Datasheet HTML 26Page - Texas Instruments GC3021 Datasheet HTML 27Page - Texas Instruments GC3021 Datasheet HTML 28Page - Texas Instruments GC3021 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
GRAYCHIP, INC.
- 23 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
PARAMETER
MIN
TYP
MAX
UNITS
FCK
Clock frequency1
VCC= 5v
0.1
80
MHz
3.3v
0.1
45
tCKL
Clock low period (Below VIL)VCC=5v
5
ns
3.3V
8
tCKH
Clock high period (Above VIH)VCC=5v
5
ns
3.3v
8
tSU
Data setup (I,Q,SA, SB, SN, CKENA, or CKENB) before CK goes high
VCC=5v
2
ns
3.3v
4
tHD
Data hold time after CK goes high
0
ns
tDLY
Data output delay (Y, EOUT, or SO) from CK2
VCC=5v
2
9
ns
3.3v
2
13
tDZ
Data to tristate delay (Y to hiZ from OE)
VCC=5v
2
5
ns
3.3v
2
5
tZD
Tristate to data output delay (Y valid from OE)
VCC=5v
3
9
ns
3.3v
3
13
tCSU
Control setup before CS goes low
(A, R/W during read, and A, R/W, C during write)
5
ns
tCHD
Control hold after CS goes high
(A, R/W during read, and A, R/W, C during write)
5
ns
tCSPW
Control strobe pulse width (Write operation)
30
ns
tCDLY
Control output delay to C after CS goes low3
(Read operation)
30
ns
tCZ
Control tristate delay after CS goes high
10
ns
ICCQ
Quiescent supply current (VIN=0 or VCC, FCK=100Hz)
200
µA
ICC
Supply current (FCK=50 MHz, VCC=5.0V)
150
mA
1. The chip may not operate properly at clock frequencies below MIN and above MAX,
2. Capacitive output load is 20 pf. Delays are measured from the rising edge of the clock to the output level rising above VIH or falling
below VIL.
3. Capacitive output load is 80 pf.
ICC (MAX)
VCC
5
------------

 FCK
50M
-----------


150 mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com