Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 4 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 4 Page - Texas Instruments

  GC3021 Datasheet HTML 1Page - Texas Instruments GC3021 Datasheet HTML 2Page - Texas Instruments GC3021 Datasheet HTML 3Page - Texas Instruments GC3021 Datasheet HTML 4Page - Texas Instruments GC3021 Datasheet HTML 5Page - Texas Instruments GC3021 Datasheet HTML 6Page - Texas Instruments GC3021 Datasheet HTML 7Page - Texas Instruments GC3021 Datasheet HTML 8Page - Texas Instruments GC3021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
GRAYCHIP, INC.
- 2 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
2.0
FUNCTIONAL DESCRIPTION
Fabricated in 0.7 micron CMOS technology, the GC3021 chip is designed to mix input data with an
internally generated sine/cosine sequence. The chip can be used as a signal mixer, or if the phase error
lookup and phase lock loop (PLL) circuitry is enabled, as a carrier removal circuit for signal demodulation.
The mixer accepts complex data at rates up to 80 MHz , or real samples at rates up to 160 MHz in the high
speed input mode . The chip mixes the input with a complex sinusoid, and outputs the results at a 80 MHz
rate.
The input data in the high speed mode is assumed to be P-ECL (3 volt low, 4 volt high) differential
inputs. The 160 MHz input data is split into even and odd samples streams, each at a rate of 80 million
samples per second. The even and odd time sample data streams are mixed with sines and cosines which
have also been split into even and odd time streams. The complex results are then output as two complex
pairs at 80 MHz, one for the even time samples and one for the odd time samples.
The frequency of the sine/cosine sequence is specified as a 32 bit phase word which drives a phase
accumulator. A carry input to the phase accumulator allows the user to extend the tuning resolution with an
external accumulator.
The GC3021 chip’s carrier removal mode allows the chip to be used as part of a QPSK/QAM
demodulator using decision error feed back to achieve carrier lock. A phase error feedback circuit uses the
upper 7 bits of the I and Q mixer outputs to lookup a one bit phase error term. The phase error lookup is
performed by mapping the I/Q pair into a single quadrant so that the lookup table address is only 12 bits (6
bits of I and 6 bits of Q). The 4096 bit lookup table is programmed by the user to output the sign of the phase
error for each possible I/Q pair. This phase error feeds a phase-lock-loop (PLL) circuit which adjusts the
sinusoid frequency to drive the average phase error to zero.
A snapshot RAM is included to store blocks of I/Q symbol outputs and the sine/cosine pairs used
to generate them. This information is used by an external DSP chip or microprocessor to lookup the symbol
error, to rotate the error by the sine/cosine phase, and then update equalizer coefficients.
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus
consisting of a 16 bit data I/O port, a 9 bit address port, a read/write bit, and a control select strobe. The
control registers, coefficient registers, phase error RAM and snapshot memory are mapped into the 512
word address space of the control port.
A detailed description of the major circuits within the chip follows.
2.1
CONTROL INTERFACE
The control interface allows an external processor to configure the chip, to capture and read
samples from the chip and to perform diagnostics.
The chip is configured by writing control information into control registers within the chip. The
registers are written to or read from using the C[0:15], A[0:8], R/W, and CS pins. Each control register has
been assigned a unique address within the chip. An external processor (a microprocessor, computer, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com