Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 9 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 5Page - Texas Instruments GC3021 Datasheet HTML 6Page - Texas Instruments GC3021 Datasheet HTML 7Page - Texas Instruments GC3021 Datasheet HTML 8Page - Texas Instruments GC3021 Datasheet HTML 9Page - Texas Instruments GC3021 Datasheet HTML 10Page - Texas Instruments GC3021 Datasheet HTML 11Page - Texas Instruments GC3021 Datasheet HTML 12Page - Texas Instruments GC3021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
GRAYCHIP, INC.
- 7 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
permits the user to capture the high speed mode’s even outputs in the snapshot RAM, or to use them in the
phase error lookup circuit.
DC components before or after the mixer can be removed by adjusting the DC_I_IN, DC_Q_IN,
DC_I_OUT and the DC_Q_OUT values. These values are added to the input and output data as shown in
Figure 5. The outputs from these adders are saturated to plus or minus full scale (12 bits) if overflow is
detected.
2.6
SYMBOL ALIGN
The symbol align circuit is used in the carrier removal mode to process offset (or staggered) QPSK
signals. The offset is removed by delaying the SI sample by one clock cycle so that it is paired with the next
SQ sample. Every other SI and SQ pair is held for two clock cycles, effectively decimating the sample rate
by two. The symbol offset circuit is controlled by the OFFSET and OFFSET_HOLD control bits described
in Section 4.1 The symbol offset circuit is synchronized by the OFFSET_SYNC described in Section 4.2.
2.7
PHASE ERROR RAM
The the I and Q samples are passed to the phase error RAM. The phase error RAM uses the upper
7 bits of the I and Q values to look up the sign of the phase error for the sample. The phase error RAM
contents are downloaded through the control interface. The phase error RAM outputs a 1 or a 0 depending
upon whether the phase angle of the (I, Q) complex pair is greater than or smaller than the nearest decision
point for the signal’s constellation pattern. A “0” means that the phase angle needs to be increased to match
the decision point and a “1” means it needs to be decreased. A block diagram of the phase error RAM circuit
is shown in Figure 6.
Figure 6. PHASE ERROR RAM
The round circuit rounds the 12 bit I and Q samples into the upper 6 or 7 bits, or, if rounding is
disabled, truncates them. If the quadrant map (Qmap) mode is enabled the circuit rounds to 7 bits, otherwise
it rounds to 6 bits. The rounding is performed using the round to even technique.
2. The input samples of QAM signals have an extra sign bit before the carrier is removed. The extra sign bit is needed because the
square QAM constellation is spinning. Once carrier has been removed the extra sign bit can be removed by the gain circuit. This
increases the resolution of the phase error RAM and simplifies the symbol mapping.
ROUND
UNSIGNED
MAGNITUDE
Q
QMAP_ROUND
Enable
6/7 Bits
Enable
Mode
QMAP_INVERT
12 Bits
7 Bits
6 Bits
sign
QMAP_ENABLE
I
12 Bits
6 Bits
sign
2 MSBs
4 LSBs
256 BY 16
RAM
16 TO 1
MUX
16 Bits
R[0:1]
R[2:7]
C[0:15]
A[0:7]
A8*CS*R/W
W[0:7]
WE
PHASE
ERROR
From
Symbol
Offset
QMAP_ENABLE
ROUND
UNSIGNED
MAGNITUDE
Enable
6/7 Bits
Enable
Mode
7 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com