Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 19 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 19 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 15Page - Texas Instruments GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
GRAYCHIP, INC.
- 17 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.2
SYNC CONTROL REGISTERS
Control registers SYNC_REG0 and SYNC_REG1 determine how the circuits within the chip are
synchronized. Each circuit which requires synchronization can be configured to be synchronized to the sync
inputs (SA and SB), to the delayed versions of these syncs (DSA and DSB), to the terminal count of the
internal counter (TC), or to the one-shot strobe (OS). The sync to each circuit can also be set to be always
on or always off. Each circuit is given a three bit sync mode control which is defined as:
NOTE: the internal syncs are active high. The SA and SB inputs have been inverted to be the active
high syncs SA and SB.
The suggested default setting for SYNC_REG0 is to sync everything to SA, value = 0249 (HEX).
ADDRESS 1:
SYNC_REG0
BIT
TYPE
NAME
DESCRIPTION
0-2 (LSBs)
R/W
COUNT_SYNC
The counter sync selection
3-5
R/W
OUTPUT_SYNC
The selected sync is inverted and output on the SO pin.
6-8
R/W
OFFSET_SYNC
The symbol offset sync.
9-11
R/W
SNAP_SYNC
The snapshot memory can be triggered by this sync.
12
R/W
USE_HSO
Use the HSO sync (See Section 2.4) for the SB sync.
13
R/W
USE_CLK_EN
The clock enables CKENA and CKENB are ignored
when this bit is low.
14,15
R/W
POWER_DOWN
These bits control the power down and keep alive circuit.
POWER_DOWN
MODE
0
Keep alive
1
Power down
2
Off
3
Test
The USE_CLK_EN and POWER_DOWN bits initialize to zero upon power up. This puts the chip in
the keep alive mode to prevent a current surge if there is no clock provided. See Section 2.13 for details.
Table 3: SYNC MODES
MODE
SYNC DESCRIPTION
0
“0” (never asserted)
1SA
2
SB (or HSO if USE_HSO is set)
3
DSA
4
DSB (or HSO if USE_HSO is set)
5TC
6OS
7
“1” (always asserted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com