Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 10 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 6Page - Texas Instruments GC3021 Datasheet HTML 7Page - Texas Instruments GC3021 Datasheet HTML 8Page - Texas Instruments GC3021 Datasheet HTML 9Page - Texas Instruments GC3021 Datasheet HTML 10Page - Texas Instruments GC3021 Datasheet HTML 11Page - Texas Instruments GC3021 Datasheet HTML 12Page - Texas Instruments GC3021 Datasheet HTML 13Page - Texas Instruments GC3021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
GRAYCHIP, INC.
- 8 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
The rounded bits are passed to the unsigned magnitude circuit where, if Qmap is enabled, they are
converted from 7 bit 2’s complement signed numbers to 6 bit unsigned numbers. The conversion is
performed using 2’s complement negation unless the invert control is set. If the invert control is set, then the
negation is performed by inverting the data bits (i.e., a 1’s complement negation is used).
If Qmap is enabled the circuit outputs the 6 bit magnitude and the sign bit. If Qmap is turned off the
circuit outputs the 6 bit signed number from the round circuit.
The Qmap mode is used to map the I, Q complex pair into one quadrant for looking up the phase
error. This is possible when the signal’s constellation pattern has quadrant symmetry. If the pattern does
not exhibit symmetry, then the quadrant map mode should not be used.
The 6 bit I and Q values are used to lookup the phase error in a 4096 by 1 bit memory. In the Qmap
mode the phase error is inverted as necessary to map it back into the proper quadrant.
The memory is implemented using a 256 word by 16 bit RAM as shown in Figure 6. The RAM is
loaded as 256 sixteen bit words mapped to addresses 256 to 511 of the control interface. The RAM is a
write only memory.
The phase error is passed to the phase lock loop (PLL) circuit. The phase error is also output on
the EOUT pin of the chip for external use.
2.8
PHASE LOCK LOOP
The phase error drives the PLL circuit shown in Figure 7.
Figure 7. PLL CIRCUIT
The phase error can either come from an input pad or from the phase error RAM. The error is
multiplied by the two constants 2-A and 2-B. These multipliers treat a phase error of “0” as +1 and a phase
error of “1” as -1. The multipliers also have a clear mode so that 2-A or 2-B can be set to zero.
The tracking bandwidth and damping of the of the phase lock loop filter are set using the constants
A and B. The filter will be critically damped when A is approximately one-half of B. When critically damped
the tracking bandwidth and residual phase jitter of the loop are set by B. A small value for B results in a wide
bandwidth with lots of jitter, but fast acquisition. A large value of B narrows the bandwidth and reduces the
residual jitter, but increases the initial acquisition time. Values of B between 24 and 31 are suggested. Use
2-A or Clear
2-B or Clear
Error From
Phase RAM
External
FREQUENCY
32 BIT ERROR ACCUMULATOR
(32 BITS)
PLL Sync
Error Input
Phase
32 BITS
External
MUX
32 BITS
Increment
To NCO
To
Control
Interface
phase_hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com