Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 17 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 13Page - Texas Instruments GC3021 Datasheet HTML 14Page - Texas Instruments GC3021 Datasheet HTML 15Page - Texas Instruments GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
GRAYCHIP, INC.
- 15 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.0
CONTROL REGISTERS
The chip is configured and controlled through the use of 14 sixteen bit control registers. These
registers are accessed for reading or writing using the control bus pins (CS, R/W, A[0:8], and C[0:15])
described in the previous section. The register names and their addresses are:
ADDRESS
NAME
ADDRESS
NAME
0
MODE_REG
8
OUTPUT_REGA
1
SYNC_REG0
9
OUTPUT_REGB
2
SYNC_REG1
10
OUTPUT_REGC
3
DELAY_REG
11
OUTPUT_REGD
4
COUNTER_REG0
12
SNAP_REG
5
PLL_REG
13
PHASE_REG
6
FREQ_REG0
14
ONE_SHOT
7
FREQ_REG1
15
TEST_OUT
16
DC_I_IN
17
DC_Q_IN
18
DC_I_OUT
19
DC_Q_OUT
20 to 255
unused
256 to 511
Snapshot memory (read only)
256 to 511
Phase Error memory (write only)
The DC offset registers contain two’s complement values. Only the 12 LSBs are used.
The following sections describe each of these registers. The type of each register bit is either R or
R/W indicating whether the bit is read only or read/write. All bits are active high.
Suggested default settings for using the chip in carrier removal applications is given for each
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com