Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 23 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 23 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments GC3021 Datasheet HTML 25Page - Texas Instruments GC3021 Datasheet HTML 26Page - Texas Instruments GC3021 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
GRAYCHIP, INC.
- 21 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
4.8
SNAPSHOT CONTROL REGISTER
Registers 12 controls the snapshot memory. The suggested default is 0002 (HEX).
ADDRESS 12:
SNAP_REG
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSB)
R/W
TRIGGER
This control sets the trigger condition which will start a
snapshot once the ARMED bit is set. The trigger
conditions are to start:
TRIGGER
DESCRIPTION
0
immediately,
1
when the SN strobe is received,
2
when the SNAP_SYNC is received
(See Section 4.2),
3
never
2
R/W
ARMED
The user sets this bit to arm the snapshot memory
so that it will start on the next trigger condition. The
chip clears this bit when the trigger occurs.
3
R/W
DONE
This bit goes high when the snapshot is complete.
4,5
R/W
SNAP_RATE
Determines the rate at which samples are stored
according to:
SNAP_RATE
DESCRIPTION
0
every clock, full rate samples
1
every other clock, half rate samples
2
every 3rd clock, third rate samples
3
every 4th clock, quarter rate samples.
6,7
R/W
-
unused
8-15 (MSB)
R/W
SNAP_DELAY
Delay from snapshot trigger until the start of snapshot.
The delay is:
SNAP_DELAY*(SNAP_RATE+1)
clock cycles where SNAP_DELAY ranges from 0 to 255.
4.9
PHASE REGISTER
Register 13 is a read only register used to monitor the upper 16 bits of the NCO’s phase increment.
See PHASE_HOLD in Section 4.5.
4.10
ONE SHOT ADDRESS
The one shot pulse is generated on the OS pin by writing to address 14. This is a write-only address.
The data written to it is irrelevant.
4.11
TEST OUTPUT REGISTER
Register address 15 is a read only port used to monitor the keep alive clock (bit 0) and keep alive
status (bit 1). The status bit is high if the internal 1 kHz clock is being used by the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com