Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 24 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 24 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments GC3021 Datasheet HTML 25Page - Texas Instruments GC3021 Datasheet HTML 26Page - Texas Instruments GC3021 Datasheet HTML 27Page - Texas Instruments GC3021 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
GRAYCHIP, INC.
- 22 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
5.0
SPECIFICATIONS
5.1
ABSOLUTE MAXIMUM RATINGS
Referenced to GND:
PARAMETER
MIN
TYP
MAX
UNITS
VCC
DC Supply Voltage
-0.3
7
V
VTERM
Termination Voltage
0
VCC
V
VIN
Input voltage (undershoot and overshoot)
-0.7
VCC+0.7
V
TSTG
Storage Temperature
-65
150
°C
FCK
Clock Rate
10
Hz
5.2
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNITS
VCC
DC Supply Voltage
3.0
5.0
6.0
V
TA
Temperature Ambient, no air flow
0
70
°C
5.3
DC CHARACTERISTICS
All parameters are at VCC=5V and temperature is 0 to 70 °C ambient unless noted
PARAMETER
MIN
TYP
MAX
UNITS
VIL
Voltage input low
0.8
V
VIH
Voltage input high
VCC=5V
2.0
V
VCC=3.3V
1.5
V
IIN
Input current (Terminations off)
+/-50
µA
VOL
Voltage output low (IOL = 4mA)
0.5
V
VOH
Voltage output high (IOH = -4ma)
VCC=5V
2.5
5
V
VCC=3.3V
1.5
3.3
V
CIN
Data input capacitance (All inputs except CK and C[0:15])4
pF
CCK
Clock input capacitance (CK input)
10
pF
CCON
Control data capacitance (C[0:15] I/O pins)
6
pF
5.4
AC CHARACTERISTICS
Commercial temperature range (0 to 70
°C), V
CC +/- 5%, unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com