Electronic Components Datasheet Search
  English  ▼

X  

GC3021 Datasheet(PDF) 20 Page - Texas Instruments

Part # GC3021
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC3021 Datasheet(HTML) 20 Page - Texas Instruments

Back Button GC3021 Datasheet HTML 16Page - Texas Instruments GC3021 Datasheet HTML 17Page - Texas Instruments GC3021 Datasheet HTML 18Page - Texas Instruments GC3021 Datasheet HTML 19Page - Texas Instruments GC3021 Datasheet HTML 20Page - Texas Instruments GC3021 Datasheet HTML 21Page - Texas Instruments GC3021 Datasheet HTML 22Page - Texas Instruments GC3021 Datasheet HTML 23Page - Texas Instruments GC3021 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
GRAYCHIP, INC.
- 18 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
The suggested default value for SYNC_REG1 is 7DF7 (HEX) which is to always sync AB_SYNC,
FREQ_SYNC and DITHER_SYNC (turns dithering off) and to sync PLL_SYNC and NCO_SYNC with the
oneshot strobe.
ADDRESS 2:
SYNC_REG1
BIT
TYPE
NAME
DESCRIPTION
0-2 (LSBs)
R/W
AB_SYNC
The PLL circuit accepts new A and B values when the
sync is asserted.
3-5
R/W
PLL_SYNC
The PLL accumulator is cleared by this sync.
6-8
R/W
FREQ_SYNC
The PLL accepts the new FREQ value from the FREQ
registers when this sync is asserted.
9-11
R/W
NCO_SYNC
The NCO accumulator is cleared by this sync.
12-14
R/W
DITHER_SYNC
The dither value circuit is cleared by this sync.
15 (MSB)
R/W
-
unused
4.3
DELAY CONTROL REGISTER
The DSA and DSB syncs are generated by delaying the SA and SB sync inputs by (2+DELAY)
clocks where DELAY ranges from 0 to 255. The suggested default is zero.
ADDRESS 3:
DELAY_REG
BIT
TYPE
NAME
DESCRIPTION
0-7 (LSBs)
R/W
DELAY_A
The DELAY value for DSA.
8-15 (MSBs) R/W
DELAY_B
The DELAY value for DSB.
4.4
COUNTER CONTROL REGISTER
The internal counter counts in cycles of 16*(COUNT+1) clocks by counting down from
(16*COUNT+15) to zero and starting over again. The counter emits a terminal count (TC) each time it
reaches zero. The suggested default is 00FF (HEX) which sets a counter cycle of 4096.
ADDRESS 4:
COUNT_REG
BIT
TYPE
NAME
DESCRIPTION
0-15
R/W
COUNT
The counter period is 16*(COUNT+1) clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com