Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation CXA2000 Datasheet HTML 11Page - Sony Corporation CXA2000 Datasheet HTML 12Page - Sony Corporation CXA2000 Datasheet HTML 13Page - Sony Corporation CXA2000 Datasheet HTML 14Page - Sony Corporation CXA2000 Datasheet HTML 15Page - Sony Corporation CXA2000 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
– 12 –
CXA2000Q
Chroma signal input.
Input a C signal with a burst level of
300mVp-p via a capacitor. Input signal is
biased to 4.5V internally.
56
EXT SYNC IN
External sync signal input.
Input a 0.3Vp-p sync signal (or a 1Vp-p
CV signal or Y signal) via a capacitor.
The sync level of the input signal is
clamped to 3.8V.
57
CIN
1µA
4.6V
56
30k
5.2V
50k
57
58
TEST
Test pin.
Outputs a 0 to 3V V-SYNC SEP with
positive polarity. If not used, leave this
pin open.
15k
1k
58
59
SVCC1
Power supply for Y/C block.
60
APCFIL
CR connection for the chroma APC lag-
lead filter.
1.2k
4.6V
1.2k
60
61
X443
Connect a 4.433619MHz crystal oscillator.
200µA
4k
61
500
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com