Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 29 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 29 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 25Page - Sony Corporation CXA2000 Datasheet HTML 26Page - Sony Corporation CXA2000 Datasheet HTML 27Page - Sony Corporation CXA2000 Datasheet HTML 28Page - Sony Corporation CXA2000 Datasheet HTML 29Page - Sony Corporation CXA2000 Datasheet HTML 30Page - Sony Corporation CXA2000 Datasheet HTML 31Page - Sony Corporation CXA2000 Datasheet HTML 32Page - Sony Corporation CXA2000 Datasheet HTML 33Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
– 29 –
CXA2000Q
V-SIZE
(6)
: Vertical amplitude adjustment (V SAW output gain control)
0h = –14%
Vertical picture size decreases.
1Fh =
0%
Amplitude: 1.23Vp-p, center potential: DC 3V when V-ASPECT is 2FH.
3Fh = +14%
Vertical picture size increases.
V-LIN
(4)
: Vertical linearity adjustment (Gain control for V SAW secondary component)
0h = 115%
(Bottom/top of picture) Top of picture compressed; bottom of picture
expanded.
7h = 100%
(Bottom/top of picture)
Fh = 85%
(Bottom/top of picture) Top of picture expanded; bottom of picture
compressed.
S-CORR
(4)
: Vertical S correction amount adjustment (V SAW secondary component gain control)
0h = Secondary component amplitude by adding sawtooth and other signals = 0
Fh = Secondary component amplitude by adding sawtooth and other signals = Maximum
AFC-BOW
(4)
: Vertical line bow compensation amount adjustment (Phase control according to
HAFC parabola wave)
0h = Top and bottom of picture delayed 500ns with respect to picture center.
7h = 0 ns
Fh = Top and bottom of picture advanced 500ns with respect to picture center.
AFC-ANGLE
(4)
: Vertical line slope compensation amount adjustment (Phase control according to
HAFC V SAW)
0h = Top of picture delayed 500ns, bottom of picture advanced 500ns with respect to
picture center.
7h = 0 ns
Fh = Top of picture advanced 500ns, bottom of picture delayed 500ns with respect to
picture center.
PIN-COMP
(6)
: Horizontal pin distortion compensation amount adjustment (V parabola wave gain
control)
0h = 0.10Vp-p Horizontal size for top/bottom of picture increases. (Compensation
amount minimum)
1Fh = 0.58Vp-p Amplitude, center potential: DC 4V when V-ASPECT is 2Fh
3Fh = 1.06Vp-p Horizontal size for top/bottom of picture decreases. (Compensation
amount maximum)
H-SIZE
(6)
: Horizontal amplitude adjustment (V parabola wave DC bias control)
0h = –0.5V
Horizontal picture size decreases, EW-DRIVE output DC Down.
1Fh =
0V
Amplitude: 0.58Vp-p, center potential: DC 4 V when V-ASPECT is 2Fh
3Fh = +0.5V
Horizontal picture size increases, EW-DRIVE output DC Up.
EHT-H
(2)
: Horizontal high-voltage fluctuation compensation amount setting (DC adjustment for
parabolic output)
0h =
0V (Compensation amount when 1V is applied to ABL IN versus 8V applied
to ABL IN)
3h = –0.1V (Compensation amount when 1V is applied to ABL IN versus 8V applied
to ABL IN)
EHT-V
(2)
: Vertical high-voltage fluctuation compensation amount setting (V SAW output gain control)
0h = 0% (Compensation amount when 1V is applied to ABL IN versus 8V applied to
ABL IN)
3h = –7% (Compensation amount when 1V is applied to ABL IN versus 8V applied to
ABL IN)
INTERLACE
(1)
: Interlace mode and non-interlace display selector switch
0,1h = Interlace mode
2h = Interlace mode; 1/2H shift applied to EVEN lines
3h = Interlace mode; 1/2H shift applied to ODD lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com