Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 36 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 36 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 32Page - Sony Corporation CXA2000 Datasheet HTML 33Page - Sony Corporation CXA2000 Datasheet HTML 34Page - Sony Corporation CXA2000 Datasheet HTML 35Page - Sony Corporation CXA2000 Datasheet HTML 36Page - Sony Corporation CXA2000 Datasheet HTML 37Page - Sony Corporation CXA2000 Datasheet HTML 38Page - Sony Corporation CXA2000 Datasheet HTML 39Page - Sony Corporation CXA2000 Datasheet HTML 40Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
– 36 –
CXA2000Q
(Power-on initial settings cont.)
H-POSITION
= 7h
Center (Adjust)
PIN-PHASE
= 7h
Center (Adjust)
AFC-BOW
= 7h
Center (Adjust)
AFC-ANGLE
= 7h
Center (Adjust)
SCP BGR
= 1
Center
SCP BGF
= 1
Center
XTAL
= 0
AUTO
EXT SYNC
= 0
Internal SYNC
CV/YC
= 0
CV input
V-ASPECT
= 0h
16:9 CRT Full Mode
ZOOMSW
= 1
16:9 CRT
HBLKSW
= 1
Hblk width adjust ON
V-SCROLL
= 1Fh
Center (User Control)
JMPSW
= 0
16:9 CRT Full Mode
HSIZE SW
= 0
Normal
UP-VLIN
= 7h
16:9 CRT Full Mode
LO-VLIN
= 7h
16:9 CRT Full Mode
LEFT-BLK
= Fh
Hblk width Min.
RIGHT-BLK
= Fh
Hblk width Min.
EHT-H
= 0
Hdrive high-voltage compensation OFF
EHT-V
= 3
Vdrive high-voltage compensation amount maximum
CORNERPIN = 7h
Center (Adjust)
YS1 OFF
= 0
Normal
DL
= 3
Normal (Adjust)
2. Various mode settings
The CXA2000Q contains bus registers for deflection compensation which can be set for various wide modes.
Wide mode setting registers can be used separately from registers for normal picture distortion adjustment,
and once deflection adjustment has been performed in full mode, wide mode settings can be made simply by
changing the corresponding register data.
• VDRIVE signal picture distortion adjustment registers
V-SIZE, V-POSITION, S-CORR, V-LIN
• E/WDRIVE signal picture distortion adjustment registers
H-SIZE, PIN-COMP, PIN-PHASE, CORNER-PIN
• Wide mode setting registers
V-ASPECT, ZOOMSW, HBLKSW, V-SCROLL, JMPSW, HSIZESW, UP-VLIN, LO-VLIN,
LEFT-BLK, RIGHT-BLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com