Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 42 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 42 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 38Page - Sony Corporation CXA2000 Datasheet HTML 39Page - Sony Corporation CXA2000 Datasheet HTML 40Page - Sony Corporation CXA2000 Datasheet HTML 41Page - Sony Corporation CXA2000 Datasheet HTML 42Page - Sony Corporation CXA2000 Datasheet HTML 43Page - Sony Corporation CXA2000 Datasheet HTML 44Page - Sony Corporation CXA2000 Datasheet HTML 45Page - Sony Corporation CXA2000 Datasheet HTML 46Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
– 42 –
CXA2000Q
4. Notes on operation
Because the RGB signals and deflection signals output from the CXA2000Q are DC direct connected, the
board pattern must be designed consideration given to minimizing interference from around the power supply
and GND.
Do not separate the GND patterns for each pin; a solid earth is ideal. Locate the power supply side of the by-
pass capacitor which is inserted between the power supply and GND as near to the pin as possible. Also,
locate the XTAL oscillator, ceramic oscillator and IREF resistor as near to the pin as possible, and do not wire
signal lines near this pin. Drive the Y, external Y/color difference and external RGB signals at a sufficiently low
impedance, as these signals are clamped when they are input using the capacitor connected to the input pin.
DC bias is applied to the chroma signal within the IC. Input the chroma signal with low impedance via an
external capacitor.
Use a resistor (such as a metal film resistor) with an error of less than 1% for the IREF pin.
Use a capacitor, such as an MPS (metalized polyester capacitor) with a small tan
δ for SAWOSC.
When using a line frequency FH of 15625Hz for the main clock (PAL-B, G, etc.), Murata's Ceralock
CSB500F63 is recommended. This will yield a free-run frequency in the neighborhood of 15625Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com