Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 1 Page - Sony Corporation

  CXA2000 Datasheet HTML 1Page - Sony Corporation CXA2000 Datasheet HTML 2Page - Sony Corporation CXA2000 Datasheet HTML 3Page - Sony Corporation CXA2000 Datasheet HTML 4Page - Sony Corporation CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Description
The CXA2000Q is a bipolar IC which integrates the
luminance
signal
processing,
chroma
signal
processing, RGB signal processing, and sync and
deflection signal processing functions for NTSC/PAL
system color TVs onto a single chip. This IC includes
deflection processing functions for wide-screen TVs,
and is also equipped with a SECAM decoder
interface, making it possible to construct a TV
system that supports multiple color systems.
Features
• I2C bus compatible
• Compatible with both PAL and NTSC systems
(also compatible with SECAM if a SECAM decoder is connected)
• Built-in deflection compensation circuit capable of supporting various wide modes
• Countdown system eliminates need for H and V oscillator frequency adjustment
• Automatic identification of 50/60Hz vertical frequency (forced control possible)
• Non-interlace display support (even/odd selectable)
• Automatic identification of PAL, NTSC, and SECAM color systems (forced control possible)
• Automatic identification of 4.43MHz/3.58MHz crystal (forced control possible)
• Non-adjusting Y/C block filter
• One CV input, one set of Y/C inputs, two sets of analog RGB inputs (one set of which can serve as both
analog and digital inputs)
• Built-in AKB circuit
• Support for forcing YS1 off
Applications
Color TVs (4:3, 16:9)
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C, SGND, DGND = 0V)
• Supply voltage
SVCC1, 2, DVCC1, 2
–0.3 to 12
V
• Operating temperature
Topr
–20 to +65
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1.7
W
(when mounted on 50mm
× 50mm board)
• Voltages at each pin
–0.3 to SVCC1, SVCC2,
DVCC1, DVCC2 + 0.3
V
Operating Conditions
Supply voltage
SVCC1, 2
9.0 ± 0.5
V
DVCC1, 2
9.0 ± 0.5
V
– 1 –
CXA2000Q
E96103-ST
Y/C/RGB/D for PAL/NTSC Color TVs
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
64 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXA2000

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2002 SONY-CXA2002 Datasheet
421Kb / 25P
2-channel Recording/Playback Amplifier
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
2-channel Recording/Playback Amplifier
CXA2006 SONY-CXA2006 Datasheet
341Kb / 23P
Digital CCD Camera Head Amplifier
CXA2006Q SONY-CXA2006Q Datasheet
341Kb / 23P
Digital CCD Camera Head Amplifier
More results

Similar Description - CXA2000

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE879 NTE-NTE879 Datasheet
25Kb / 3P
Integrated Circuit RGB to PAL/NTSC Encoder for Color TV
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
NTSC/PAL Y/C/Jungle
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
Y/C/RGB/Sync/Deflection for Color TV
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
Y/C/RGB/D for PAL/NTSC Color TVs
CXA2060BS SONY-CXA2060BS Datasheet
502Kb / 54P
Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
Y/C/RGB/D for NTSC Color TVs
CXA2076Q SONY-CXA2076Q Datasheet
520Kb / 48P
Y/C/RGB/D for PAL/NTSC Color TVs
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
RGB ENCODER FOR PAL/NTSC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
Y/C/JUNGLE IC FOR PAL/NTSC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com