Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 4 Page - Sony Corporation

  CXA2000 Datasheet HTML 1Page - Sony Corporation CXA2000 Datasheet HTML 2Page - Sony Corporation CXA2000 Datasheet HTML 3Page - Sony Corporation CXA2000 Datasheet HTML 4Page - Sony Corporation CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
– 4 –
CXA2000Q
SECAM decoder interface. This pin
serves as both a 4.43MHz output and as
a SECAM identification input/output pin.
Pin Description
Pin
No.
Symbol
Equivalent circuit
Description
1
SECAMREF
3
4
–(R-Y) OUT
–(B-Y) OUT
Color difference signal outputs. Go to
high impedance when the SECAM
system is detected.
Standard output levels for 75% CB:
B-Y: 0.665Vp-p
R-Y: 0.525Vp-p
5
YOUT
Luminance signal output.
Black level is 3.5VDC.
Standard output level for 100 IRE input:
1Vp-p
6
YRET
Luminance signal input.
Clamped to 4.8V at the burst timing.
Standard input level for 100 IRE input:
1Vp-p
7
8
–(R-Y) IN
–(B-Y) IN
Color difference signal inputs.
Clamped to 5.5V at the burst timing.
Standard input levels for 75% CB:
B-Y: 1.33Vp-p
R-Y: 1.05Vp-p
2
SGND1
GND for Y/C block.
9
SGND2
GND for the RGB block.
1
250µA
6k
20p
7.2V
3
200µA
4
400µA
500
30k
5
6
1.5k
70k
7
8
1.5k
70k
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com