Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 4Page - Sony Corporation CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation CXA2000 Datasheet HTML 11Page - Sony Corporation CXA2000 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
– 8 –
CXA2000Q
H deflection pulse input for H AFC.
Input an about 5Vp-p pulse via a
capacitor. Set the pulse width to 10 to
12µs. This pin is also used as the hold-
down signal input for the HD output, and
if this pin is 1V or less for a 7V cycle or
longer, the hold-down function operates
and the HD output is held to 9VDC. In
addition, the RGB outputs are all blanked.
Outputs "1" to the status register XRAY.
38
33
E-WOUT
V parabola wave output.
34
VAGCSH
Sample-and-hold for AGC which
maintains the V sawtooth wave at a
constant amplitude.
Connect to GND via a capacitor.
800µA
15k
78k
1.4k
33
1.2k
34
35
SAWOSC
Connect a capacitor to generate the V
sawtooth wave. For the capacitor, use an
MPS (metalized polyester capacitor), etc.,
with a small tan
δ.
100
300
35
36
DVCC1
Power supply for the V deflection block.
37
HD OUT
H drive signal output.
This signal is output with the open
collector.
147
37
20k
AFCPIN/HOFF
10k
68k
38
10k
147
4.2V
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com